データシートサーチシステム |
|
FWP-200A データシート(PDF) 11 Page - Cooper Bussmann, Inc. |
|
FWP-200A データシート(HTML) 11 Page - Cooper Bussmann, Inc. |
11 / 20 page High Speed Fuses For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp 97 North American — FWH 500V: 35-1600A FWH Specifications Description: North American style stud-mount fuses. Dimensions: See Dimensions illustration. Ratings: Volts: — 500Vac Amps: — 35-1600A IR: — 200kA Sym. — 50kA @ 500Vdc Agency Information: CE, UL Recognition & CSA Component Acceptance on 35-800A only (50kA IR@500Vdc). UL Recognition on 35-1200A only, CSA Component Acceptance: 35-1600A. Electrical Characteristics Total Clearing I2t The total clearing I2t at rated voltage and at power factor of 15% are given in the electrical characteristics. For other volt- ages, the clearing I2t is found by multiplying by correction factor, K, given as a function of applied working voltage, Eg, (rms). Arc Voltage This curve gives the peak arc voltage, UL, which may appear across the fuse during its operation as a function of the applied working voltage, Eg, (rms) at a power factor of 15%. Power Losses Watts loss at rated cur- rent is given in the elec- trical characteristics. The curve allows the calcula- tion of the power losses at load currents lower than the rated current. The correction factor, Kp, is given as a function of the RMS load current, Ib, in % of the rated current. Catalog Numbers Electrical Characteristics Rated I 2t (A2 Sec) Catalog Current Clearing Watts Numbers RMS-Amps Pre-arc at 500V Loss FWH-35B 35 34 150 8 FWH-40B 40 76 320 7.5 FWH-45B 45 105 450 7.5 FWH-50B 50 135 670 7.5 FWH-60B 60 210 900 9.9 FWH-70B 70 210 900 10.6 FWH-80B 80 305 1400 12.7 FWH-90B 90 360 1600 15 FWH-100B 100 475 2000 17 FWH-125B 125 800 3500 25 FWH-150B 150 1100 4600 30 FWH-175B 175 1450 6200 35 FWH-200B 200 1900 8500 40 FWH-225A 225 4600 23300 39 FWH-250A 250 6300 32200 41 FWH-275A 275 7900 40300 46 FWH-300A 300 9800 49800 51 FWH-325A 325 13700 63800 53 FWH-350A 350 14500 72900 58 FWH-400A 400 19200 96700 65 FWH-450A 450 24700 127000 74 FWH-500A 500 29200 149000 84 FWH-600A 600 41300 206000 108 FWH-700A 700 55000 298000 120 FWH-800A 800 76200 409000 129 FWH-1000A 1000 92000 450000 145 FWH-1200A 1200 122000 600000 180 FWH-1400A 1400 200000 1000000 210 FWH-1600A 1600 290000 1400000 230 • Watts loss provided at rated current. • See accessories on page 106. Features and Benefits • Excellent dc performance • Low arc voltage and low energy let-through (I2t) • Low watts loss • Superior cycling capability 500 400 250 100 1.5 1.0 0.5 0.3 0.2 0.15 Eg K 1) 2) UL 2.0 1.6 1.2 103 800 600 500 400 300 100 400 300 200 500 Eg 2) 1) 1) 35-200 & 1000-1600A Range 2) 225-800A Range A E D C F J G B H 10.219 3.219 0.625 4.25 0.75 3.5 6.219 0.125 0.5 1.625 1.750 8.969 Fig. 1: 35-1200A Fig. 2: 1400-1600A Dimensions (in) Amp Range Fig. A B C D E F G H J 35-60 1 3.188 0.813 1.593 2.541 2.193 0.344 0.719 0.125 0.518 70-100 1 3.625 0.947 1.736 2.853 2.807 0.352 0.750 0.125 0.375 125-200 1 3.625 1.156 1.836 2.892 2.768 0.344 1.000 0.188 0.406 225-400 1 4.340 1.500 2.090 3.440 2.750 0.410 1.000 0.250 0.750 450-600 1 4.340 2.000 2.090 3.530 2.780 0.410 1.500 0.250 0.780 700-800 1 6.340 2.500 2.090 4.970 3.440 0.530 2.000 0.380 1.300 1000-1200 1 6.969 3.000 3.219 5.465 4.475 0.625 2.375 0.438 1.120 1400-1600 2 See Drawing 1mm = 0.0394” / 1” = 25.4mm Kp 1.0 0.8 0.4 0.5 0.6 0.3 0.2 0.1 30 40 50 60 70 80 90 100% I b 1) 35-800A Range 2) 1000-1600A Range Typical Applications • DC common bus • DC drives • Power converters/rectifiers • Reduced voltage starters |
同様の部品番号 - FWP-200A |
|
同様の説明 - FWP-200A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |