データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWLF-1631-46 データシート(PDF) 7 Page - Finisar Corporation.

部品番号 FWLF-1631-46
部品情報  RoHS Compliant DWDM SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF-1631-46 データシート(HTML) 7 Page - Finisar Corporation.

Back Button FWLF-1631-46 Datasheet HTML 3Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 4Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 5Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 6Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 7Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 8Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 9Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 10Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 7
Rev B, August 2005
VI. Wavelength Stabilization
The laser transmitter will not be turned on until its temperature is adjusted to ensure
operation within the specified channel (X +/- 0.4nm). This temperature stabilization time is
dependent on the ambient temperature conditions, but will typically occur within 30
seconds of powering the device. The device will transmit within the specified wavelength
tolerance (X +/- 0.1nm) within 5 seconds of transmitter operation.
VII. General Specifications
VIII. Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Operating Temp
Top
-5
70
°C
Case temperature measured on top-side of
device
Storage Temp
Tsto
-10
85
°C
Ambient temperature
Eye Safety
CDRH and IEC-825 Class 1 Laser
Product. See Note 1
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Data Rate
BR
0.155
2.7
Gb/sec SONET OC-3/12/48 compatible
Total System Budget
28
30
dB
@ 2.5 Gb/s, BER <10
-12 w/
PRBS 2
-23-1. See Note 1
Note 1: Total system budget is defined as Pout – Pin – typical connector losses.


同様の部品番号 - FWLF-1631-46

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF-1631-XX FINISAR-FWLF-1631-XX Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results

同様の説明 - FWLF-1631-46

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FTLF8529P4BCV FINISAR-FTLF8529P4BCV Datasheet
844Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
FTLF8529P4BNV FINISAR-FTLF8529P4BNV Datasheet
919Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com