データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AS181A データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74AS181A
部品情報  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AS181A データシート(HTML) 11 Page - Texas Instruments

Back Button SN74AS181A Datasheet HTML 5Page - Texas Instruments SN74AS181A Datasheet HTML 6Page - Texas Instruments SN74AS181A Datasheet HTML 7Page - Texas Instruments SN74AS181A Datasheet HTML 8Page - Texas Instruments SN74AS181A Datasheet HTML 9Page - Texas Instruments SN74AS181A Datasheet HTML 10Page - Texas Instruments SN74AS181A Datasheet HTML 11Page - Texas Instruments SN74AS181A Datasheet HTML 12Page - Texas Instruments SN74AS181A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
DIFF-MODE TEST TABLE
(Function Inputs: S1 = S2 = 4.5 V, S0 = S3 = M = 0)
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Note 1)
tPLH
Ai
None
Bi
Remaining
Remaining
Fi
In phase
tPHL
Ai
None
Bi
g
A
g
B, Cn
Fi
In phase
tPLH
Bi
Ai
None
Remaining
Remaining
Fi
O t of phase
tPHL
Bi
Ai
None
g
A
g
B, Cn
Fi
Out of phase
tPLH
Ai
None
Bi
None
Remaining
P
In phase
tPHL
Ai
None
Bi
None
g
A and B, Cn
P
In phase
tPLH
Bi
Ai
None
None
Remaining
P
O t of phase
tPHL
Bi
Ai
None
None
g
A and B, Cn
P
Out of phase
tPLH
Ai
Bi
None
None
Remaining
G
In phase
tPHL
Ai
Bi
None
None
g
A and B, Cn
G
In phase
tPLH
Bi
None
Ai
None
Remaining
G
O t of phase
tPHL
Bi
None
Ai
None
g
A and B, Cn
G
Out of phase
tPLH
Ai
None
Bi
Remaining
Remaining
AB
In phase
tPHL
Ai
None
Bi
g
A
g
B, Cn
A = B
In phase
tPLH
Bi
Ai
None
Remaining
Remaining
AB
O t of phase
tPHL
Bi
Ai
None
g
A
g
B, Cn
A = B
Out of phase
tPLH
C
None
None
All
None
Cn + 4
In phase
tPHL
Cn
None
None
A and B
None
n+4
or any F
In phase
tPLH
Ai
Bi
None
None
Remaining
C
O t of phase
tPHL
Ai
Bi
None
None
g
A, B, Cn
Cn + 4
Out of phase
tPLH
Bi
None
Ai
None
Remaining
C
4
In phase
tPHL
Bi
None
Ai
None
g
A, B, Cn
Cn + 4
In phase
LOGIC-MODE TEST TABLE
(Function Inputs: S1 = S2 = M = 4.5 V, S0 = S3 = 0)
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
GND
APPLY
4.5 V
UNDER
TEST
WAVEFORM
(See Note 1)
tPLH
Ai
Bi
None
None
Remaining
Fi
O t of phase
tPHL
Ai
Bi
None
None
g
A and B, Cn
Fi
Out of phase
tPLH
Bi
Ai
None
None
Remaining
Fi
Out of phase
tPHL
Bi
Ai
None
None
g
A and B, Cn
Fi
Out of phase


同様の部品番号 - SN74AS181A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AS181A TI-SN74AS181A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181A TI1-SN74AS181A Datasheet
349Kb / 17P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181ADW TI-SN74AS181ADW Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181AFN TI-SN74AS181AFN Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181AN TI1-SN74AS181AN Datasheet
349Kb / 17P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

同様の説明 - SN74AS181A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
MM54HC181 NSC-MM54HC181 Datasheet
158Kb / 10P
   Arithmetic Logic Units/Function Generators
logo
Texas Instruments
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54AS181B TI1-SN54AS181B_14 Datasheet
349Kb / 17P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com