データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWDM-1521-7D-47 データシート(PDF) 4 Page - Finisar Corporation.

部品番号 FWDM-1521-7D-47
部品情報  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1521-7D-47 データシート(HTML) 4 Page - Finisar Corporation.

  FWDM-1521-7D-47 Datasheet HTML 1Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 2Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 3Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 4Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 5Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 6Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 7Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 8Page - Finisar Corporation. FWDM-1521-7D-47 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FWDM-1521-7D-xx SFP Product Specification – September 2005
F i n i s a r
© Finisar Corporation September 2005 Rev.D
Page 4
IV.
Low Speed Signals
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
RX_LOS Assert Level
-30
dBm
RX_LOS Deassert Level
-19
dBm
RX_LOS Hysteresis
0.5
2
dB
RX_LOS Assert Delay
t_loss_on
100
µsec From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
100
µsec From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
10
µsec Rising edge of TX_DISABLE to
fall of output signal below 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
µsec Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal. Time
indicated is under steady-state
temperature conditions.
TX_DISABLE Reset Time
t_reset
10
µsec TX_DISABLE HIGH before
TX_DISABLE set LOW
TX_FAULT Assert
100
µsec From fault to assertion of
TX_FAULT
Initialization Time
300
µsec From power on to negation of
TX_FAULT using
TX_DISABLE


同様の部品番号 - FWDM-1521-7D-47

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-49 FINISAR-FWDM-1519-7D-49 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-51 FINISAR-FWDM-1519-7D-51 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-53 FINISAR-FWDM-1519-7D-53 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-55 FINISAR-FWDM-1519-7D-55 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
More results

同様の説明 - FWDM-1521-7D-47

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com