データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWDM-1519-7D-49 データシート(PDF) 5 Page - Finisar Corporation.

部品番号 FWDM-1519-7D-49
部品情報  CWDM Pluggable SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1519-7D-49 データシート(HTML) 5 Page - Finisar Corporation.

  FWDM-1519-7D-49 Datasheet HTML 1Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 2Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 3Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 4Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 5Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 6Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 7Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 8Page - Finisar Corporation. FWDM-1519-7D-49 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FWDM-1519-7D-xx SFP Product Specification – June 2003
F i n i s a r
© Finisar June 2003 Rev.C
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
0.622
1.25
Gb/sec
Total System Budget
--
23.0
25.0
dB
@1.25 Gb/s, BER < 10
-12
w/ PRBS 2
7-1.
VI.
Environmental Specifications
Finisar CWDM SFP transceivers have an operating temperature range from
0°C to +70°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar CWDM SFP transceivers are Class 1 Laser Products. They are certified per the
following standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye Safety
FDA/CDRH
CDRH and IEC-825
Class 1 Laser Product.
See Note 1
Laser Eye Safety
TÜV
EN 60950
EN 60825-1
EN 60825-2
Electrical Safety
CSA
CLASS 3862.07
CLASS 3862.87
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.


同様の部品番号 - FWDM-1519-7D-49

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-49 FINISAR-FWDM-1521-7D-49 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-51 FINISAR-FWDM-1521-7D-51 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-53 FINISAR-FWDM-1521-7D-53 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-55 FINISAR-FWDM-1521-7D-55 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

同様の説明 - FWDM-1519-7D-49

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com