データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT245 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74BCT245
部品情報  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT245 データシート(HTML) 5 Page - Texas Instruments

  SN74BCT245 Datasheet HTML 1Page - Texas Instruments SN74BCT245 Datasheet HTML 2Page - Texas Instruments SN74BCT245 Datasheet HTML 3Page - Texas Instruments SN74BCT245 Datasheet HTML 4Page - Texas Instruments SN74BCT245 Datasheet HTML 5Page - Texas Instruments SN74BCT245 Datasheet HTML 6Page - Texas Instruments SN74BCT245 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54BCT245, SN74BCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS013F – SEPTEMBER 1988 – REVISED APRIL 1994
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figures 1 through 4 show the typical power dissipation for an SN74BCT245 over variations in outputs switching,
output frequency, and capacitive load.
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 15 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 100 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 150 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 50 pF
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
10
20
30
40
750
600
450
300
150
900
Four Switching
10
20
30
40
1250
1000
750
500
250
1500
1250
1000
750
500
250
1500
10
20
30
40
10
20
30
40
Four Switching
One Switching
Four Switching
Eight Switching
Eight Switching
1000
800
600
400
200
1200
1050
0
050
1400
0
50
0
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
0
1750
050
1750
0
050
One Switching
Figure 1
Figure 2
Figure 3
Figure 4
Eight Switching
Four Switching
One Switching
One Switching
Eight Switching
† The dashed lines are for the DB package only.


同様の部品番号 - SN74BCT245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT245 TI-SN74BCT245 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DBLE TI-SN74BCT245DBLE Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DBR TI-SN74BCT245DBR Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DBRE4 TI-SN74BCT245DBRE4 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74BCT245DBRG4 TI-SN74BCT245DBRG4 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
More results

同様の説明 - SN74BCT245

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com