データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWLF1634RV48 データシート(PDF) 10 Page - Finisar Corporation.

部品番号 FWLF1634RV48
部品情報  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RV48 データシート(HTML) 10 Page - Finisar Corporation.

Back Button FWLF1634RV48 Datasheet HTML 2Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 3Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 4Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 5Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 6Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 7Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 8Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 9Page - Finisar Corporation. FWLF1634RV48 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 10
Rev C2, Feb.2009
XI. Ordering Information
Part Number
Description
FWLF1634Ryxx
DWDM SFP with APD Receiver
y = L: non rate select
y = V: rate select
xx = channel number (see product selection on page 2)
XII. References
1. Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA),
September 2000. Documentation is currently available from Finisar upon request.
2. “SONET Transport Systems: Common Generic Criteria”, Telcordia Technologies,
GR-253-CORE, Issue 3, September 2000.
3. “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM”, Atmel Corporation.
www.Atmel.com.
4.
“Application Note AN-2030: Digital Diagnostic Monitoring Interface for Optical
Transceivers”, Finisar Corporation, April 2002.
5. “Digital Diagnostic Monitoring Interface For Optical Transceivers Rev 9.3”. SFF
Document No. SFF-8472.
6. Specifications for DWDM SFP Transceiver Draft 1.0.October 21 2005.
Documentation is available from Finisar upon request.
XIII. For More Information:
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. (408) 548-1000
Fax (408) 541-6138
sales@finisar.com
www.finisar.com


同様の部品番号 - FWLF1634RV48

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1634RLXX FINISAR-FWLF1634RLXX Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ry18 FINISAR-FWLF1634Ry18 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

同様の説明 - FWLF1634RV48

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com