データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4002G データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 1N4002G
部品情報  VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4002G データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4002G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4002G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
1N4001
G THRU 1N4007G
VOLTAGE 50V ~ 1000V
1.0 AMP Glass Passivated Silicon Rectifiers
DO-41
FEATURES
. RoHS Compliant Product
. Low Forward Voltage Drop
. High Current Capability
. High Reliability
. High Surge Current Capability
MECHANICAL DATA
. Case: Molded Plastic
. Epoxy: UL 94V-0 Rate Flame Retardant
. Lead:Axial Lead, SolderAble per MIL-STD-202,
Method 208 Guaranteed
. Polarity: Color Band Denotes Cathode End
. Mounting Position:Any
. Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current,
.375" (9.5mm) Lead Length at Ta=75
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC method)
30
A
Maximum Instantaneous Forward Voltage at 1.0A
1.0
V
Maximum DC Reverse Current
Ta = 25
5.0
at Rated DC Blocking Voltage
Ta = 100
50
µA
Typical Junction Capacitance (Note1)
15
pF
Typical Thermal Resistance R JA (Note 2)
50
/ W
Operating and Storage Temperature Range TJ, TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" indicates halogen-free & RoHS Compliant


同様の部品番号 - 1N4002G

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
1N4002G GULFSEMI-1N4002G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4002G LRC-1N4002G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

同様の説明 - 1N4002G

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
KBU4A SECOS-KBU4A Datasheet
55Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
   VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com