データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT8244ANT データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74BCT8244ANT
部品情報  SCAN TEST DEVICES WITH OCTAL BUFFERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8244ANT データシート(HTML) 8 Page - Texas Instruments

Back Button SN74BCT8244ANT Datasheet HTML 4Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 5Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 6Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 7Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 8Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 9Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 10Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 11Page - Texas Instruments SN74BCT8244ANT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN54BCT8244A, SN74BCT8244A
SCAN TEST DEVICES
WITH OCTAL BUFFERS
SCBS042E – FEBRUARY 1990 – REVISED JULY 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
register overview
With the exception of the bypass register, any test register may be thought of as a serial-shift register with a
shadow latch on each bit. The bypass register differs in that it contains only a shift register. During the
appropriate capture state (Capture-IR for instruction register, Capture-DR for data registers), the shift register
may be parallel loaded from a source specified by the current instruction. During the appropriate shift state
(Shift-IR or Shift-DR), the contents of the shift register are shifted out from TDO while new contents are shifted
in at TDI. During the appropriate update state (Update-IR or Update-DR), the shadow latches are updated from
the shift register.
instruction register description
The instruction register (IR) is eight bits long and tells the device what instruction is to be executed. Information
contained in the instruction includes the mode of operation (either normal mode, in which the device performs
its normal logic function, or test mode, in which the normal logic function is inhibited or altered), the test operation
to be performed, which of the three data registers is to be selected for inclusion in the scan path during
data-register scans, and the source of data to be captured into the selected data register during Capture-DR.
Table 2 lists the instructions supported by the ’BCT8244A. The even-parity feature specified for SCOPE
devices is not supported in this device. Bit 7 of the instruction opcode is a don’t-care bit. Any instructions that
are defined for SCOPE
™ devices but are not supported by this device default to BYPASS.
During Capture-IR, the IR captures the binary value 10000001. As an instruction is shifted in, this value is shifted
out via TDO and can be inspected as verification that the IR is in the scan path. During Update-IR, the value
that has been shifted into the IR is loaded into shadow latches. At this time, the current instruction is updated
and any specified mode change takes effect. At power up or in the Test-Logic-Reset state, the IR is reset to the
binary value 11111111, which selects the BYPASS instruction. The IR order of scan is shown in Figure 2.
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
TDO
TDI
Bit 7
(MSB)
Don’t
Care
Bit 0
(LSB)
Figure 2. Instruction Register Order of Scan
data register description
boundary-scan register
The boundary-scan register (BSR) is 18 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function output pin. The BSR is used 1) to store test
data that is to be applied internally to the inputs of the normal on-chip logic and/or externally to the device output
terminals, and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or
externally at the device input terminals.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR may change during Run-Test/Idle as determined by the current instruction. The contents
of the BSR are not changed in Test-Logic-Reset.
The BSR order of scan is from TDI through bits 17–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.


同様の部品番号 - SN74BCT8244ANT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT8244ANT TI-SN74BCT8244ANT Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ANT TI-SN74BCT8244ANT Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ANTE4 TI-SN74BCT8244ANTE4 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN74BCT8244ANTE4 TI-SN74BCT8244ANTE4 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
More results

同様の説明 - SN74BCT8244ANT

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8240A TI-SN54BCT8240A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com