データシートサーチシステム |
|
FWM-T40D5LGX データシート(PDF) 2 Page - JDS Uniphase Corporation |
|
FWM-T40D5LGX データシート(HTML) 2 Page - JDS Uniphase Corporation |
2 / 3 page 2 MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING Specifications Parameter 4 Channel 8 Channel Operating wavelength range 1300 to 1620 nm Wavelength centers (ITU wavelengths) 1470nm, 1490nm, 1510nm, 1530nm, 1550nm, 1570nm, 1590nm, 1610nm Wavelength centers (ITU+1 wavelengths) 1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm, 1611nm Passband Minimum λc ± 6.5 nm Passband ripple Maximum 0.35 dB Insertion loss1 Demultiplexer module Maximum 2.0 dB 3.2 dB Multiplexer module Maximum 1.7 dB 2.9 dB Isolation (adjacent channel) Demultiplexer module Minimum 30 dB Multiplexer module Minimum 15 dB Isolation (non-adjacent channel) Demultiplexer module Minimum 50 dB Multiplexer module Minimum 15 dB Directivity Minimum 50 dB Return loss Minimum 45 dB Polarization dependent loss Maximum 0.2 dB Polarization mode dispersion Maximum 0.2 ps Operating temperature range -40 to 75 °C Storage temperature range -40 to 85 °C Fiber type SMF-28 or equivalent (900 µm, 1.6 mm, 2.0 mm, 3.0 mm) Pigtail length (for flat box only) 1.0± 0.1 m Package dimensions LGX cassette (W x D x H) 6.35" x 5.10" x 1.15" 6.35" x 5.10" x 2.28" Flat box (W x D x H) 125.7 x 93.0 x 9.9 mm 125.7 x 93.0 x 9.9 mm 1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower. |
同様の部品番号 - FWM-T40D5LGX |
|
同様の説明 - FWM-T40D5LGX |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |