データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1576A データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 2SA1576A
部品情報  PNP Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1576A データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1576A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1576A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1576A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SA1576A
PNP Silicon
Epitaxial Planar Transistor
RoHS Compliant Product
*Complements the 2SC4081
Feature
The 2SA1576A is designed for use
in driver stage of AF amplifier and
general purpose amplificaion.
Description
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 3
Absolute Maximum Ratings at Ta = 25C
Parameter
Symbol
Ratings
Unit
Junction
Temperature
Tj,
Storage
Tstg
-55~+150
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
V
Collector Current
IC
-150
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 2
Parameter
Symbol Min Typ. Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-60
-
-
V
IC=-50uA
Collector-Emitter Breakdown Voltage
BVCEO
-50
-
-
V
IC=-1mA
Emitter-Base Breakdown Voltage
BVEBO
-6
-
-
V
IE=-50uA
Collector-Emitter Breakdown Voltage
ICBO
-
-
-100
nA
VCB=-60V
Emitter-Base Cutoff Current
IEBO
-
-
-100
nA
VEB=-6V
Collector Saturation Voltage
VCE(sat)
-
-
-500
mV
IC=-50mA, IB=-5 mA
DC Current Gain
hFE
120
-
560
-
VCE=-6V, IC=-1mA
Gain-Bandwidth Product
fT
-
140
-
MHz
VCE=-12V, IC=-2mA, f=100MHz
Output Capacitance
Cob
-
4
5
pF
VCB=-12V, f=1MHz, IE=0
Range
120 - 270
180 - 390
270 - 560
Classification of hFE
Rank
5AQ
5AR
5AS
and
C
o
5C
o
o
-6
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.


同様の部品番号 - 2SA1576A

メーカー部品番号データシート部品情報
logo
Rohm
2SA1576A ROHM-2SA1576A Datasheet
76Kb / 3P
   General Purpose Transistor
2SA1576A ROHM-2SA1576A Datasheet
646Kb / 13P
   PNP -150mA -50V General Purpose Transistors
2SA1576A ROHM-2SA1576A Datasheet
72Kb / 4P
   General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1576A WINNERJOIN-2SA1576A Datasheet
137Kb / 1P
   TRANSISTOR (PNP)
logo
TRANSYS Electronics Lim...
2SA1576A TEL-2SA1576A Datasheet
68Kb / 1P
   Plastic-Encapsulated Transistors
More results

同様の説明 - 2SA1576A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com