データシートサーチシステム |
|
SN74F244N3 データシート(PDF) 4 Page - Texas Instruments |
|
SN74F244N3 データシート(HTML) 4 Page - Texas Instruments |
4 / 14 page SN54F244, SN74F244 OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SDFS063A – D2932, MARCH 1987 – REVISED OCTOBER 1993 2–4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics (see Note 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, CL = 50 pF, RL = 500 Ω, TA = 25°C VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX† UNIT (INPUT) (OUTPUT) ′F244 SN54F244 SN74F244 MIN TYP MAX MIN MAX MIN MAX tPLH A Y 1.7 3.6 5.2 2 6.5 1.7 6.2 ns tPHL A Y 1.7 3.6 5.2 2 7 1.7 6.5 ns tPZH OE Y 1.2 3.9 5.7 2 7 1.2 6.7 ns tPZL OE Y 1.2 5 7 2 8.5 1.2 8 ns tPHZ OE Y 1.2 4.1 6 2 7 1.2 7 ns tPLZ OE Y 1.2 4.1 6 2 7.5 1.2 7 ns † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. NOTE 2: Load circuits and waveforms are shown in Section 1. |
同様の部品番号 - SN74F244N3 |
|
同様の説明 - SN74F244N3 |