データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTL16612ADGG データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74GTL16612ADGG
部品情報  18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16612ADGG データシート(HTML) 10 Page - Texas Instruments

Back Button SN74GTL16612ADGG Datasheet HTML 6Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 7Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 8Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 9Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 10Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 11Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 12Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 13Page - Texas Instruments SN74GTL16612ADGG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
APPLICATION INFORMATION
OEC
Termination Voltage, V
TT
Reference Voltage, V
REF
VREF
VTT
C
R
2R
Partial Power Down
Bus-Hold Circuit
SN54GTL16612A, SN74GTL16612A
18-BIT LVTTL-TO-GTL+ UNIVERSAL BUS TRANSCEIVERS
SCES187D – JANUARY 1999 – REVISED JULY 2005
The 'GTL16612A GTL output consists of an improved edge-control circuit that provides optimized rise and fall
times, typically 2.6 ns (20% to 80%), for backplanes under various loading conditions.
Using the definition of slew rate
∆t/∆v = t
r or tf/(VOH – VOL), the slew rate of the device typically is 5 ns/V. As a
comparison, these values are significantly more than those of previous GTL or standard TTL devices, which are
usually about 1 ns/V, or less.
The termination voltage (VTT) should be derived from a voltage regulator that can provide up to 50-mA current
per signal line. There are various voltage regulators that meet these requirements. Depending on the application,
the regulators should be mounted either directly on the backplane or on the daughter boards. It is highly
recommended that ceramic bypass capacitors be used (due to high impedance) at the termination resistors
because several signal lines may be switching simultaneously, causing considerable current fluctuations at the
termination voltage.
The GTL reference voltage (VREF) can be derived using a simple voltage divider between VTT and GND with an
R-to-2R ratio and a bypass capacitor (0.01–0.1
µF) as close to the V
REF terminal as possible (see Figure 4).
Generating VREF from VTT ensures the maximum possible signal-to-noise ratio (SNR) even with an unstable
termination voltage. It also is recommended to generate VREF locally on each plug-in card, instead of on the
backplane.
Figure 4. Suggested Connection of VREF Terminal
Device power can be switched off without having to remove the device from the system. This is a partial power
down. 'GTL16612A can be used in a partial-power-down application where VCC = 0 because the inputs and
outputs are at high impedance and are able to tolerate active bus signals. This is reflected in the Ioff parameter,
which specifies the maximum input or output leakage current.
Bus hold on A-port inputs (LVTTL side) prevents any unused or floating inputs from damaging the device. To
change the logic state stored by the bus-hold circuit, a current of about 250-300
µA must be overridden. There is
no bus hold on the B port (GTL side). A bus-hold circuit on the GTL side would defeat the purpose of the
open-drain outputs, which take on the high-impedance state to allow the bus to achieve a logic high state via the
pullup resistors.
10


同様の部品番号 - SN74GTL16612ADGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTL16612 TI-SN74GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DGG TI-SN74GTL16612DGG Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DGGR TI-SN74GTL16612DGGR Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DL TI-SN74GTL16612DL Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612DLR TI-SN74GTL16612DLR Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
More results

同様の説明 - SN74GTL16612ADGG

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com