データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFP-8A5250 データシート(PDF) 3 Page - JDS Uniphase Corporation

部品番号 FFP-8A5250
部品情報  Fused Coupler,Polarization Maintaining (PM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JDSU [JDS Uniphase Corporation]
ホームページ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-8A5250 データシート(HTML) 3 Page - JDS Uniphase Corporation

  FFP-8A5250 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-8A5250 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-8A5250 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
FUSED COUPLER, PM TAP
Code
Pigtail Length3
0
0.5 meter
11 meter
Code
Configuration
11x2
22x2
Sample: FFP-C53150A10 (C-band, 5% Tap, regular housing, 1x2, Channel Center = 1550 nm, A grade, 1 m pigtail, no connector)
Code
Passband
Wavelength
5
980nm
8
1060nm
4
1310
S
14xx
C
15xx
L
16xx
FFP-
Code
Coupling Ratio1
1
1/99
5
5/95
A
10/90
F
33/67
K
50/50
Code
Housing
3Regular
Ø 3x60 mm
5
Ø 0.9 mm fiber
Ø 3x76 mm
Code
Grade
AGrade A
BGrade B
Code
Channel Center2
Last two digits of center wavelength
For example,
45
xx45 nm
50
xx50 nm
Code
Connectors4
0NONE
P
FC-APC/PM
R
FC-PC/PM
1. Other coupling ratios available on request.
2. Channel center must be within the wavelength ranges shown in the specifications table.
3. Minimum pigtail length. Other pigtail lengths are available on request.
4. Optical specifications in specification table do not include connector loss. Other connectors available on request.
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10135720 Rev. 008 11/05 FFP.DS.CC.AE
March 2007


同様の部品番号 - FFP-8A5250

メーカー部品番号データシート部品情報
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145E1 JDSU-FFP-5M3145E1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145F0 JDSU-FFP-5M3145F0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145F1 JDSU-FFP-5M3145F1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145G0 JDSU-FFP-5M3145G0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
More results

同様の説明 - FFP-8A5250

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
86265 MOLEX-86265 Datasheet
144Kb / 2P
   PM (Polarization Maintaining) Fiber Assemblies
logo
OPLINK Communications I...
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com