データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC148NSRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74HC148NSRE4
部品情報  8-LINE TO 3-LINE PRIORITY ENCODERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC148NSRE4 データシート(HTML) 1 Page - Texas Instruments

  SN74HC148NSRE4 Datasheet HTML 1Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 2Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 3Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 4Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 5Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 6Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 7Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 8Page - Texas Instruments SN74HC148NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC148, SN74HC148
8LINE TO 3LINE PRIORITY ENCODERS
SCLS109G − MARCH 1984 − REVISED APRIL 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 16 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Encode Eight Data Lines to 3-Line Binary
(Octal)
D Applications Include:
− n-Bit Encoding
− Code Converters and Generators
description/ordering information
The ’HC148 devices feature priority decoding of
the inputs to ensure that only the highest-order
data line is encoded. These devices encode eight
data lines to 3-line (4-2-1) binary (octal).
Cascading circuitry (enable input EI and enable
output EO) has been provided to allow octal
expansion without the need for external circuitry.
Data inputs and outputs are active at the low logic
level.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC148N
SN74HC148N
Tube of 40
SN74HC148D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC148DR
HC148
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC148DT
HC148
SOIC − DW
Reel of 2000
SN74HC148DWR
HC148
SOP − NS
Reel of 2000
SN74HC148NSR
HC148
CDIP − J
Tube of 25
SNJ54HC148J
SNJ54HC148J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC148W
SNJ54HC148W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC148FK
SNJ54HC148FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
GS
3
NC
2
1
6
7
NC
EI
A2
SN54HC148 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
4
5
6
7
EI
A2
A1
GND
VCC
EO
GS
3
2
1
0
A0
SN54HC148 ...J OR W PACKAGE
SN74HC148 . . . D, DW, N, OR NS PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN74HC148NSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC148NSR TI1-SN74HC148NSR Datasheet
1Mb / 19P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
More results

同様の説明 - SN74HC148NSRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
   8-line-to-3-line Octal Priority Encoders
logo
Texas Instruments
SN54147 TI-SN54147_07 Datasheet
672Kb / 24P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Motorola, Inc
SN54LS147 MOTOROLA-SN54LS147 Datasheet
231Kb / 7P
   10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
logo
Texas Instruments
SN54147 TI-SN54147 Datasheet
177Kb / 22P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS148 TI-SN54LS148 Datasheet
556Kb / 20P
[Old version datasheet]   10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54147 TI1-SN54147_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE PRIORITY ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com