データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC193PW データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC193PW
部品情報  4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC193PW データシート(HTML) 1 Page - Texas Instruments

  SN74HC193PW Datasheet HTML 1Page - Texas Instruments SN74HC193PW Datasheet HTML 2Page - Texas Instruments SN74HC193PW Datasheet HTML 3Page - Texas Instruments SN74HC193PW Datasheet HTML 4Page - Texas Instruments SN74HC193PW Datasheet HTML 5Page - Texas Instruments SN74HC193PW Datasheet HTML 6Page - Texas Instruments SN74HC193PW Datasheet HTML 7Page - Texas Instruments SN74HC193PW Datasheet HTML 8Page - Texas Instruments SN74HC193PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC193, SN74HC193
4BIT SYNCHRONOUS UP/DOWN COUNTERS
(DUAL CLOCK WITH CLEAR)
SCLS122D − DECEMBER 1982 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 20 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Look-Ahead Circuitry Enhances Cascaded
Counters
D Fully Synchronous in Count Modes
D Parallel Asynchronous Load for Modulo-N
Count Lengths
D Asynchronous Clear
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
QB
QA
DOWN
UP
QC
QD
GND
VCC
A
CLR
BO
CO
LOAD
C
D
SN54HC193 ...J OR W PACKAGE
SN74HC193 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
CLR
BO
NC
CO
LOAD
QA
DOWN
NC
UP
QC
SN54HC193 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The
’HC193
devices
are
4-bit
synchronous,
reversible,
up/down
binary
counters.
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change
coincidentally with each other when so instructed by the steering logic. This mode of operation eliminates the
output counting spikes normally associated with asynchronous (ripple-clock) counters.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC193N
SN74HC193N
Tube of 40
SN74HC193D
SOIC − D
Reel of 2500
SN74HC193DR
HC193
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC193DT
HC193
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC193NSR
HC193
Tube of 90
SN74HC193PW
TSSOP − PW
Reel of 2000
SN74HC193PWR
HC193
TSSOP − PW
Reel of 250
SN74HC193PWT
HC193
CDIP − J
Tube of 25
SNJ54HC193J
SNJ54HC193J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC193W
SNJ54HC193W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC193FK
SNJ54HC193FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN74HC193PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC193PW TI1-SN74HC193PW Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN74HC193PWG4 TI1-SN74HC193PWG4 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN74HC193PWR TI1-SN74HC193PWR Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN74HC193PWRG4 TI1-SN74HC193PWRG4 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN74HC193PWT TI1-SN74HC193PWT Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results

同様の説明 - SN74HC193PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
   Synchronous 4-Bit Up-Down Dual Clock Counters
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com