データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

541S31000 データシート(PDF) 1 Page - JDS Uniphase Corporation

部品番号 541S31000
部品情報  1536/1554 nm 3-Port Bandpass Wavelength Division Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JDSU [JDS Uniphase Corporation]
ホームページ  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

541S31000 データシート(HTML) 1 Page - JDS Uniphase Corporation

  541S31000 Datasheet HTML 1Page - JDS Uniphase Corporation 541S31000 Datasheet HTML 2Page - JDS Uniphase Corporation 541S31000 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Thin film filter based
• Low insertion loss
• High isolation
• Low temperature dependent loss
• Epoxy-free optical path
JDSU 1536/1554 nm filter wavelength division multiplexers (WDMs) use
interference filter technology to separate and combine optical transmission signals.
Highly stable and reliable, these WDMs have high channel isolation, low insertion
loss, low temperature dependent loss, and low polarization dependent loss.
Applications
• Red and blue band separators
• Erbium doped fiber amplifiers
(EDFAs)
Compliance
• Telcordia GR-1221
1536/1554 nm 3-Port BandpassWavelength Division Multiplexers
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Red Band
Wavelength (nm)
1520
1530
1540
1550
1560
1570
1580
40
35
30
25
20
15
10
5
0


同様の部品番号 - 541S31000

メーカー部品番号データシート部品情報
logo
M.S. Kennedy Corporatio...
541 MSK-541 Datasheet
482Kb / 7P
   HIGH POWER OP-AMP
logo
Intel Corporation
541 INTEL-541 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
GS Yuasa Battery Sales ...
541 GSYUASABATTERY-541 Datasheet
357Kb / 1P
   Capacity (20-hour) 150Ah
logo
Diodes Incorporated
541-0.0ACT-ND DIODES-541-0.0ACT-ND Datasheet
431Kb / 6P
   High Current and High Voltage LED Driver
logo
Analog Devices
541-100KJTR-ND AD-541-100KJTR-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

同様の説明 - 541S31000

メーカー部品番号データシート部品情報
logo
JDS Uniphase Corporatio...
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-A00110000 JDSU-FWS-A00110000 Datasheet
135Kb / 3P
   1480/15501590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
FWS-D10010000 JDSU-FWS-D10010000 Datasheet
149Kb / 3P
   1510/1550 and 1550/1625 nm Filter Wavelength Division Multiplexers
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
   Time Division Multiplexers
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
   Time Division Multiplexers
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com