データシートサーチシステム |
|
SN74HC165DTE4 データシート(PDF) 6 Page - Texas Instruments |
|
SN74HC165DTE4 データシート(HTML) 6 Page - Texas Instruments |
6 / 19 page SN54HC165, SN74HC165 8BIT PARALLELLOAD SHIFT REGISTERS SCLS116E − DECEMBER 1982 − REVISED SEPTEMBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended operating free-air temperature range (unless otherwise noted) VCC TA = 25°C SN54HC165 SN74HC165 UNIT VCC MIN MAX MIN MAX MIN MAX UNIT 2 V 6 4.2 5 fclock Clock frequency 4.5 V 31 21 25 MHz fclock Clock frequency 6 V 36 25 29 MHz 2 V 80 120 100 SH/LD low 4.5 V 16 24 20 tw Pulse duration SH/LD low 6 V 14 20 17 ns tw Pulse duration 2 V 80 120 100 ns CLK high or low 4.5 V 16 24 20 CLK high or low 6 V 14 20 17 2 V 80 120 100 SH/LD high before CLK ↑ 4.5 V 16 24 20 SH/LD high before CLK ↑ 6 V 14 20 17 2 V 40 60 50 SER before CLK ↑ 4.5 V 8 12 10 SER before CLK ↑ 6 V 7 10 9 2 V 100 150 125 tsu Setup time CLK INH low before CLK ↑ 4.5 V 20 30 25 ns tsu Setup time CLK INH low before CLK ↑ 6 V 17 25 21 ns 2 V 40 60 50 CLK INH high before CLK ↑ 4.5 V 8 12 10 CLK INH high before CLK ↑ 6 V 7 10 9 2 V 100 150 125 Data before SH/LD ↓ 4.5 V 20 30 25 Data before SH/LD ↓ 6 V 17 26 21 2 V 5 5 5 SER data after CLK ↑ 4.5 V 5 5 5 th Hold time SER data after CLK ↑ 6 V 5 5 5 ns th Hold time 2 V 5 5 5 ns PAR data after SH/LD ↓ 4.5 V 5 5 5 PAR data after SH/LD ↓ 6 V 5 5 5 |
同様の部品番号 - SN74HC165DTE4 |
|
同様の説明 - SN74HC165DTE4 |