データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDR5150S データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SDR5150S
部品情報  5.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDR5150S データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDR5150S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDR5150S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
V
V
A
A
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5
0
5
5
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.05
10
45
-50
+150
-65
+175
1500
1500
1500
1 0
230
0.75
0.87
~
~
10000
SDR5150S
V
mA
pF
Typical Thermal Resistance (Note 2)
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
F
F
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
F
SYMBOL
o
o
o
JA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
TJ
TSTG
V/us
For capacitive load, derate current by 20%.
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.7 grams(Approximately)
Any changing of specification will not be informed individual
SDR5150S
VOLTAGE 150V
AMP Schottky Barrier Rectifiers
5.0
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Oct-2007 Rev. A
Page 1 of 2
Dimensions in millimeter
TO-126A
2.2 0.4
2.28 0.02
φ3.1
Ref.
16.0 0.5
10.8 0.3
0.5 0.10
1.1 0.1
2.65 0.15
2.28 0.02
4.0 0.4
7.6 0.2
φ 5.0
0.1
0.87 0.12
0.75 0.1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


同様の部品番号 - SDR5150S

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SDR5150SF SECOS-SDR5150SF Datasheet
587Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5150SF SECOS-SDR5150SF_15 Datasheet
587Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5150S SECOS-SDR5150S_15 Datasheet
633Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results

同様の説明 - SDR5150S

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
   5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SP05100S SECOS-SP05100S Datasheet
803Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com