データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP0115CAC1CF-C2 データシート(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 FP0115CAC1CF-C2
部品情報  Contactless Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FP0115CAC1CF-C2 データシート(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  FP0115CAC1CF-C2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1CF-C2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1CF-C2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1CF-C2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1CF-C2 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Contactless Pushbuttons
Series FP01
PHOTO INTERRUPTER SPECIFICATIONS
Electrical & Optical Characteristics
Typical
Maximum
Condition
Input
Forward Voltage V
F:
1.3V
1.6V
I
F = 50mA
Reverse Current I
R:
10µA
F
R = 5V
Transmission
Collector-Emitter Saturation Voltage V
CE sat:
0.4V
I
F = 20mA & IC = 0.1mA
Absolute Maximum Ratings
Input LED
Output Photo Transistor
Forward Current I
F:
50mA
Collector-Emitter Voltage V
CEO:
30V
Reverse Voltage V
R:
5V
Emitter-Collector Voltage V
ECO:
4.5V
Power Dissipation P
D:
80mW
Collector Current I
C:
30mA
Collector Dissipation P
C:
80mW
Circuit Design Considerations
Output of the infrared LED in the photo
interrupter decreases approximately
50% after 100,000 hours.
Recommended load resistance (RL) is
40k ~ 120kΩ for the illustrated circuit.
(Temperature @ 25°C)
180
GND
VOUT
RL
V = 5V
CC
Threshold Voltage
VHI: 3.8V
VLO: 1.0V
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
Color
Red
Amber
Green
Forward Peak Current
I
FM
30mA
25mA
25mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.85V
2.0V
2.25V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction
Rate Above 25°C
∆I
F
0.38mA
/°C
0.28mA
/°C
0.40mA
/°C
Ambient Temperature Range
–25° ~ +50°C
C
LED COLORS & SPECIFICATIONS
Single Element LED
VF
I F
R
+
E
Anode
Cathode
D
F
LEDs are an integral
part of the switch and
not available sepa-
rately. The electrical
specifications shown
are determined at a
basic temperature of
25°C.
If the source voltage
exceeds the rated volt-
age, a ballast resistor
is required.
ACTUATOR COLORS
B
White
C
Red
D
Amber
F
Green


同様の部品番号 - FP0115CAC1CF-C2

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
FP0115CAC1CF-C2 NKK-FP0115CAC1CF-C2 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1CF-C2 ETC2-FP0115CAC1CF-C2 Datasheet
347Kb / 4P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1CF-C2 NKK-FP0115CAC1CF-C2 Datasheet
176Kb / 4P
   Distinctive Characteristics
More results

同様の説明 - FP0115CAC1CF-C2

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC NKK-FP0115CAC1BC_10 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com