データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1100S データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM1100S
部品情報  1.0AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1100S データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1100S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1100S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SM120S THRU SM1100S
VOLTAGE 20V ~ 100V
1.0AMP Surface Mount Schottky Barrier Rectifie
rs
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound
* For Surface mounted applications.
* Exceeds environmental standards of MIL-S-19500 / 228
* Low leakage current
MECHANICAL DATA
* Case : Molded plasic, JEDEC SOD-123 / MINI SMA
* Terminals : Solder plated, solderable per MIL-STD-750
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.04 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTEERISTICS
Rating 25oC ambient temperature unless otherwise specified.
Symbol MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig. 1
IO
1.0
A
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
VR = VRRM TA= 25
oC
0.5
mA
VR = VRRM TA= 125oC
10
mA
Thermal resistance
Junction to ambient
R JA
98
o
C / W
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
120
pF
Storage temperature
TSTG
-55
+150
o
C
MARKING
CODE
VRRM *1
(V)
VRMS *2
(V)
VR *3
(V)
VF *4
(V)
SM120S
12
20
14
20
SM140S
14
40
28
40
*1
Repetitive peak reverse voltage
SM160S
16
60
42
60
*2
RMS voltage
*3
Continuous reverse voltage
SM1100S
10
100
70
100
*4
Maximum forward voltage
PARAMETER
CONDITIONS
-55 to +150
-55 to +125
0.50
0.70
0.85
30
A
Forward surge current
Reverse Current
Operating
temperature
(oC)
TYPE NUMBER
IFSM
IR
01-Jun-2002 Rev.
B
Page 1 of 2
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.15
------
0.045
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


同様の部品番号 - SM1100S

メーカー部品番号データシート部品情報
logo
UNIOHM CORPORATION
SM1100A UNIOHM-SM1100A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1100A SECOS-SM1100A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM1100A TAYCHIPST-SM1100A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM1100A LRC-SM1100A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
logo
Goodwork Semiconductor ...
SM1100A GWSEMI-SM1100A Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SM1100S

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L Datasheet
369Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12BL SECOS-SK12BL Datasheet
880Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LL5817 LUGUANG-LL5817 Datasheet
233Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 LUGUANG-LSR102 Datasheet
234Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_10 Datasheet
433Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM120B SECOS-SM120B_15 Datasheet
156Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12AL SECOS-SK12AL Datasheet
604Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12L SECOS-SK12L_15 Datasheet
156Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com