データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HCT273PW データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HCT273PW
部品情報  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT273PW データシート(HTML) 3 Page - Texas Instruments

  SN74HCT273PW Datasheet HTML 1Page - Texas Instruments SN74HCT273PW Datasheet HTML 2Page - Texas Instruments SN74HCT273PW Datasheet HTML 3Page - Texas Instruments SN74HCT273PW Datasheet HTML 4Page - Texas Instruments SN74HCT273PW Datasheet HTML 5Page - Texas Instruments SN74HCT273PW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54HCT273, SN74HCT273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS068C – NOVEMBER 1988 – REVISED MAY 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
128
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
SN54HCT273
SN74HCT273
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0
0.8
0
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
tt
Input transition (rise and fall) times
0
500
0
500
ns
TA
Operating free-air temperature
–55
125
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT273
SN74HCT273
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI =VIH or VIL
IOH = –20 µA
4.5 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –4 mA
4.5 V
3.98
4.30
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC‡
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci
4.5 V
to 5.5 V
3
10
10
10
pF
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SN74HCT273PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HCT273PW TI-SN74HCT273PW Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PW TI1-SN74HCT273PW Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PWE4 TI1-SN74HCT273PWE4 Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PWG4 TI1-SN74HCT273PWG4 Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HCT273PWLE TI1-SN74HCT273PWLE Datasheet
776Kb / 17P
[Old version datasheet]    OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

同様の説明 - SN74HCT273PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com