データシートサーチシステム |
|
LB16CGG01-C データシート(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB16CGG01-C データシート(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 9 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Standard Size Snap-in Pushbuttons Series LB OPTIONAL ACCESSORIES Barriers Protective Guard AT497 End Material: Polyamide Protective Guards reduce depth of switch behind panel by .020” (0.5mm). AT499 Square Protective Guard Opens 90° Closes manually Materials: Cover: Clear Polycarbonate Base: Black GFR Polyamide AT498 Center Cutouts for More Than 1 Switch Square A = .752” (19.1mm) x Number of Switches + .051” (1.3mm) Rectangular A = .996” (25.3mm) x Number of Switches + .051” (1.3mm) A (16.2) .638 (20.0) .787 Center Position End Position (19.2) .756 (1.19) .047 (19.2) .756 (23.5) .925 (5.2) .205 (4.3) Typ .169 (15.0) .591 (1.19) .047 (17.0) .669 (20.0) .787 (10.0) .394 (21.0) .827 (8.0) .315 Cap Height When Assembled (14.0) Sq .551 (17.9) Sq .705 (18.4) .724 (20.4) .803 (10.5) .413 (20.5) .807 (7.5) .295 Cap Height When Assembled 180 ° (17.9) .705 (14.2) .559 (17.9) .705 (7.1) .280 (20.4) .803 (N) (16.2) Sq .638 (39.0) Min* 1.535 (N) = Number of switches AT4171 (10.5) .413 (20.5) .807 (20.4) .803 * Minimum dimension allows opening of cover to 180 ° Spring Loaded Protective Guard AT4171 Square Protective Guard Opens 180° Closes automatically Materials: Cover: Clear Polycarbonate Base: Black GFR Polyamide Coil Spring: Stainless Steel Recommended Panel Thickness: .039” ~ .106” (1.0mm ~ 2.7mm) |
同様の部品番号 - LB16CGG01-C |
|
同様の説明 - LB16CGG01-C |