データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103BWS データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 SD103BWS
部品情報  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SD103BWS データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SD103BWS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SD103BWS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SD103BWS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 17/11/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SD103AWS...SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
• Low Forward Voltage
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
SD103AWS
SD103BWS
SD103CWS
VRRM
40
30
20
V
Average Forward Rectified Current
IF(AV)
350
mA
Non-Repetitive Peak Forward Surge Current at t ≤ 1 s
IFSM
2
A
Power Dissipation
Ptot
200
mW
Operating and Storage Temperature Range
Tj,Ts
- 65 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
at IR = 10 µA
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
-
-
-
-
-
-
V
Reverse Leakage Current
at VR = 30 V
at VR = 20 V
at VR = 10 V
SD103AWS
SD103BWS
SD103CWS
IR
-
-
-
-
-
-
5
5
5
µA
Forward Voltage
at IF = 20 mA
at IF = 200 mA
VF
-
-
-
-
0.37
0.6
V
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
50
-
pF
Reverse Recovery Time
at IF = IR = 50 mA to 200 mA , Recover to 0.1 IR
trr
-
10
-
ns
Anode
2
Top View
Marking Code: SD103AWS: "S4"
SD103BWS: "S5"
SD103CWS: "S6"
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION


同様の部品番号 - SD103BWS

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
SD103BWS YEASHIN-SD103BWS Datasheet
502Kb / 2P
   SCHOTTKY DIODES
logo
Pan Jit International I...
SD103BWS PANJIT-SD103BWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
DAESAN ELECTRONIC CORP.
SD103BWS DAESAN-SD103BWS Datasheet
435Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SD103BWS JINANJINGHENG-SD103BWS Datasheet
92Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
SD103BWS MCC-SD103BWS Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
More results

同様の説明 - SD103BWS

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com