データシートサーチシステム |
|
LB25CGW01-G データシート(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB25CGW01-G データシート(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 9 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Standard Size Pushbuttons Series LB General Specifications Electrical Capacity (Resistive Load) Power Level (silver): 3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC Logic Level (gold): 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation in Supplement section. Other Ratings Contact Resistance: 50 milliohms maximum for silver; 100 milliohms maximum for gold Insulation Resistance: 200 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 1,000,000 operations minimum for momentary circuit 200,000 operations minimum for maintained circuit Electrical Life: 100,000 operations minimum Nominal Operating Force: 4.41N Contact Timing: Nonshorting (break-before-make) Travel: Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm) Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm) Materials & Finishes Housing: Glass fiber reinforced polyamide (UL94V-0) Snap-in Frame: Stainless steel Movable Contact: Silver alloy or copper with gold plating Stationary Contacts: Silver alloy or copper with gold plating Base: Liquid crystal polymer (UL94V-0) Terminals: Phosphor bronze with silver or gold plating Environmental Data Operating Temp Range: –25°C through +70°C (–13°F through +158°F) Note: When used with a polyvinyl chloride splash cover, the lowest limit is 0°C (32°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Sealing: Not available for snap-in; see next section for panel seal. Installation Cap Installation Force: 3.92N maximum downward force on cap Quick Connect Force: 52.95N maximum downward force on connector Soldering Time & Temperature: Manual Soldering: See Profile A in Supplement section. Standards & Certifications Flammability Standards: UL94V-0 housing & base UL & C-UL Recognized: All models recognized at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum; UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch; C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch. CSA Certified: All models certified at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum; CSA File Nos. 023535-0-000; add “/C” to end of part number to order CSA mark on switch. R |
同様の部品番号 - LB25CGW01-G |
|
同様の説明 - LB25CGW01-G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |