データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD137T データシート(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

部品番号 BD137T
部品情報  NPN Silicon Epitaxial Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BD137T データシート(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BD137T Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BD137T Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 22/03/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BD135T / BD137T / BD139T
Characteristics at Ta=25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 5 mA
at VCE = 2 V, IC = 500 mA
at VCE = 2 V, IC = 150 mA
-6
-10
-16
-25
hFE
hFE
hFE
hFE
hFE
hFE
25
25
40
63
100
160
-
-
100
160
250
400
-
-
-
-
-
-
Collector Emitter Sustaining Voltage
at IC = 30 mA
BD135T
at IC=10mA
BD137T
BD139T
VCEO(sus)
VCEO(sus)
VCEO(sus)
45
60
80
-
-
-
V
V
V
Collector Cutoff Current
at VCB = 30 V
ICBO
-
0.1
µA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
10
µA
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
0.5
V
Base Emitter On Voltage
at IC = 500 mA, VCE = 2 V
VBE(on)
-
1
V


同様の部品番号 - BD137T

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BD137 MOTOROLA-BD137 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Unisonic Technologies
BD137 UTC-BD137 Datasheet
115Kb / 3P
   NPN POWER TRANSISTORS
logo
Nanjing International G...
BD137 DGNJDZ-BD137 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD137 PHILIPS-BD137 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Savantic, Inc.
BD137 SAVANTIC-BD137 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - BD137T

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC3063 CDIL-CSC3063 Datasheet
72Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
766Kb / 3P
   NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CSC3420 CDIL-CSC3420 Datasheet
80Kb / 3P
   NPN EPITAXIAL SILICON POWER TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com