データシートサーチシステム |
|
KM103AK データシート(PDF) 6 Page - Cadeka Microcircuits LLC. |
|
KM103AK データシート(HTML) 6 Page - Cadeka Microcircuits LLC. |
6 / 6 page Life Support Policy Cadeka’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of Cadeka Microcircuits, Inc. As used herein: 1. Life support devices or systems are devices or systems which, a) are intended for surgical implant into the body, or b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. Cadeka does not assume any responsibility for use of any circuitry described, and Cadeka reserves the right at any time without notice to change said circuitry and specifications. www.cadeka.com © 2004 Cadeka Microcircuits, LLC KH103 Package Dimensions DATA SHEET KH103 Symbol Inches Milimeters Minimun Maximum Minimum Maximum A-Metal Lid 0.180 0.240 4.57 6.10 A-Ceramic Lid 0.195 0.255 4.95 6.48 A1-Metal Lid 0.145 0.175 3.68 4.45 A1-Ceramic Lid 0.160 0.190 4.06 4.83 b 0.014 0.026 0.36 0.66 b1 0.050 BSC 1.27 BSC c 0.008 0.018 0.20 0.46 D 1.275 1.310 33.39 33.27 D1 1.095 1.105 27.81 28.07 E 0.785 0.815 19.94 20.70 E1 0.790 0.810 20.07 20.57 e 0.100 BSC 2.54 BSC L 0.165 BSC 4.19 BSC Q 0.015 0.075 0.38 1.91 NOTES: NOTES: Seal: seam weld (AM, AK), epoxy (AI) Lead finish: gold finish Package composition: Package: ceramic Lid: kovar/nickel (AM, AK), ceramic (AI) Leadframe: alloy 42 Die attach: epoxy © b1 A L D1 Pin #1 Index Q b e D E E1 C A1 2 |
同様の部品番号 - KM103AK |
|
同様の説明 - KM103AK |