データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD101C データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 SD101C
部品情報  SILICON SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SD101C データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SD101C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SD101C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 23/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SD101A (1N6263)...SD101C
SILICON SCHOTTKY BARRIER DIODES
for general purpose applications
The SD101 Series is a metal on silicon Schottky barrier
device which is protected by a PN junction guard ring.
The low forward voltage drop and fast switching make
it ideal for protection of MOS devices, steering, biasing
and coupling diodes for fast switching and low logic
level applications.
The SD101A is equivalent to the 1N6263.
This diode is also available in MiniMELF case with
type designation LL101A, B, C.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
SD101A
SD101B
SD101C
VRRM
60
50
40
V
Power Dissipation
Ptot
400
1)
mW
Maximum Single Cycle Surge, 10 s Square wave
IFSM
2
A
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 55 to + 200
O
C
1) Valid provided the leads direct at the case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 10 µA
SD101A
SD101B
SD101C
V(BR)R
60
50
40
-
-
-
V
Forward Voltage
at IF = 1 mA
at IF = 15 mA
SD101A
SD101B
SD101C
SD101A
SD101B
SD101C
VF
-
-
-
-
-
-
0.41
0.4
0.39
1
0.95
0.9
V
Reverse Leakage Current
at VR = 50 V
at VR = 40 V
at VR = 30 V
SD101A
SD101B
SD101C
IR
-
200
nA
Junction Capacitance
at VR = 0 V, f = 1 MHz
SD101A
SD101B
SD101C
Ctot
-
-
-
2
2.1
2.2
pF
Reverse Recovery Time
at IF = IR = 5 mA , recover to 0.1 IR
trr
-
1
ns
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


同様の部品番号 - SD101C

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SD101C SEMTECH-SD101C Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
Vishay Siliconix
SD101C VISHAY-SD101C Datasheet
108Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.5, 01-Mar-07
SD101C VISHAY-SD101C Datasheet
81Kb / 4P
   Small Signal Schottky Diodes
09-Jul-2021
logo
Diodes Incorporated
SD101C DIODES-SD101C Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Shanghai Lunsure Electr...
SD101C CHENYI-SD101C Datasheet
74Kb / 2P
   small single schottky diodes
More results

同様の説明 - SD101C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MBD101 ONSEMI-MBD101 Datasheet
82Kb / 4P
   SILICON SCHOTTKY BARRIER DIODES
1997
logo
SEMTECH ELECTRONICS LTD...
SD103A SEMTECH_ELEC-SD103A Datasheet
121Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
MCL103A SEMTECH_ELEC-MCL103A Datasheet
190Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
BAS81 SEMTECH_ELEC-BAS81 Datasheet
185Kb / 3P
   SILICON SCHOTTKY BARRIER DIODES
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
LL101A SEMTECH_ELEC-LL101A Datasheet
171Kb / 3P
   SILICON SCHOTTKY BARRIER DIODES
LL103A SEMTECH_ELEC-LL103A Datasheet
203Kb / 4P
   SILICON SCHOTTKY BARRIER DIODES
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
   SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
Zetex Semiconductors
ZUMD54 ZETEX-ZUMD54 Datasheet
64Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com