データシートサーチシステム |
|
74LVT18512DGGRE4 データシート(PDF) 10 Page - Texas Instruments |
|
74LVT18512DGGRE4 データシート(HTML) 10 Page - Texas Instruments |
10 / 36 page SN54LVT18512, SN54LVT182512, SN74LVT18512, SN74LVT182512 3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS SCBS711 – OCTOBER 1997 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 boundary-control register The boundary-control register (BCR) is three bits long. The BCR is used in the context of the boundary-run test (RUNT) instruction to implement additional test operations not included in the basic SCOPE ™ instruction set. Such operations include PRPG, PSA, and binary count up (COUNT). Table 4 shows the test operations that are decoded by the BCR. During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is reset to the binary value 010, which selects the PSA test operation. The BCR order of scan is shown in Figure 3. Bit 0 (LSB) TDO TDI Bit 1 Bit 2 (MSB) Figure 3. Boundary-Control Register Order of Scan bypass register The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path, reducing the number of bits per test pattern that must be applied to complete a test operation. During Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in Figure 4. Bit 0 TDO TDI Figure 4. Bypass Register Order of Scan |
同様の部品番号 - 74LVT18512DGGRE4 |
|
同様の説明 - 74LVT18512DGGRE4 |