データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1MA141KT1G データシート(PDF) 1 Page - Leshan Radio Company

部品番号 LM1MA141KT1G
部品情報  Single Silicon Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM1MA141KT1G データシート(HTML) 1 Page - Leshan Radio Company

  LM1MA141KT1G Datasheet HTML 1Page - Leshan Radio Company LM1MA141KT1G Datasheet HTML 2Page - Leshan Radio Company LM1MA141KT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DEVICE MARKING
LM1MA141KT1G = MH
LM1MA142KT1G=MI
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA141KT1
VR
40
Vdc
M1MA142KT1
80
Peak Reverse Voltage
M1MA141KT1
VRM
40
Vdc
M1MA142KT1
80
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
225
mAdc
Peak Forward Surge Current
IFSM(1)
500
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
M1MA141KT1
IR
VR = 35 V
0.1
µAdc
M1MA142KT1
VR = 75 V
0.1
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA141KT1
VR
IR = 100
µA
40
Vdc
M1MA142KT1
80
Diode Capacitance
CD
VR=0, f=1.0 MHz
2.0
pF
Reverse Recovery
Time
trr(2)
IF=10mA,VR=6.0V
3.0
ns
RL=100
Ω,I
rr=0.1 IR
1. t = 1 SEC
2. trr Test Circuit
This Silicon Epitaxial Planar Diode is designed for use in ultra high speed
switching applications. This device is housed in the SC–70 package which is
designed for low power surface mount applications.
• Fast t
rr, < 3.0 ns
• Low C , < 2.0 pF
Single Silicon Switching Diode
1
3
2
SOT–323 /SC – 70
LM1MA141KT1G
LM1MA142KT1G
SC–70/SOT–323 PACKAGE
SINGLE SILICON
SWITCHING DIODE
40/80 V–100 mA
SURFACE MOUNT
CATHODE
3
1
ANODE
2
NO CONNECTION
MHX
Marking Symbol
Type No. 141K
142K
Symbol
MH
MI
The “X” represents a smaller alpha digit Date
Code. The Date Code indicates the actual month
in which the part was manufactured.
rr
LESHAN RADIO COMPANY, LTD.
1/3
LM1MA141KT1G
SOT-323/SC-70
3000/Tape&Reel
Device
Package
Shipping
DEVICE MARKING AND ORDERING INFORMATION
LM1MA141KT3G
SOT-323/SC-70
10000/Tape&Reel
LM1MA142KT1G
SOT-323/SC-70
3000/Tape&Reel
LM1MA142KT3G
SOT-323/SC-70
10000/Tape&Reel
G
G
G
G
G
G
G
G
L
L
L
L
L
L
L
L
We declare that the material of product
compliance with RoHS requirements.


同様の部品番号 - LM1MA141KT1G

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM1MA141KWA3G LEIDITECH-LM1MA141KWA3G Datasheet
337Kb / 3P
   Common Anode Silicon Dual Switching Diode
More results

同様の説明 - LM1MA141KT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
M1MA141KT1G ONSEMI-M1MA141KT1G Datasheet
124Kb / 4P
   Single Silicon Switching Diode
October, 2010 -- Rev. 7
logo
First Silicon Co., Ltd
FDS193 FS-FDS193 Datasheet
97Kb / 2P
   Single Switching Diode
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com