データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT2222AWT1G データシート(PDF) 2 Page - Leshan Radio Company

部品番号 LMBT2222AWT1G
部品情報  General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2222AWT1G データシート(HTML) 2 Page - Leshan Radio Company

  LMBT2222AWT1G Datasheet HTML 1Page - Leshan Radio Company LMBT2222AWT1G Datasheet HTML 2Page - Leshan Radio Company LMBT2222AWT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT2222AWT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (1)
DC Current Gain (1)
hFE
––
(I C = 0.1 mAdc, V CE = 10 Vdc)
35
––
(I C = 1.0 mAdc, V CE = 10 Vdc)
50
––
(I C = 10 mAdc, V CE = 10 Vdc)
75
––
(I C = 150 mAdc, V CE = 10 Vdc)
100
(I C = 500 mAdc, V CE = 10 Vdc)
40
––
Collector–Emitter Saturation Voltage(1)
VCE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
––
0.3
(I C = 500 mAdc, I B = 50 mAdc)
––
1.0
Base–Emitter Saturation Voltage(1)
V BE(sat)
Vdc
(I C = 150 mAdc, I B = 15 mAdc)
0.6
1.2
(I C = 500 mAdc, I B = 50 mAdc)
––
2.0
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
300
––
MHz
(I C = 20 mAdc, V CE= 20Vdc, f = 100 MHz)
Output Capacitance
C obo
––
8.0
pF
(V CB= 10 Vdc, I E = 0, f = 1.0 MHz)
Input Capacitance
C ibo
––
30
pF
(V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz)
Input Impedance
h ie
0.25
1.25
k
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Voltage Feedback Ratio
h re
––
4.0
X 10
–4
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Small–Signal Current Gain
h fe
75
375
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Output Admittance
h oe
25
200
µmhos
(V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz)
Noise Figure
NF
––
4.0
dB
(V CE= 10 Vdc, I C = 100
µAdc, R
S= 1.0 k
Ω, f = 1.0 kHz)
SWITCHING CHARACTERISTICS
Delay Time
(V CC = 3.0 Vdc, V BE= – 0.5 Vdc
t d
—10
Rise Time
I C = 150 mAdc, I B1 = 15 mAdc)
t r
—25
ns
Storage Time
(V CC = 30 Vdc, I C = 150 mAdc
t s
225
ns
Fall Time
I B1 = I B2 = 15 mAdc)
t f
—60
1. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
Ordering Information
Device
Marking
Shipping
LMBT2222AWT1G
1P
3000/Tape&Reel
LMBT2222AWT3G
1P
10000/Tape&Reel
2/3.


同様の部品番号 - LMBT2222AWT1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT2222AWT1G LRC-LMBT2222AWT1G Datasheet
559Kb / 5P
   General Purpose Transistors NPN Silicon
Rev.A Jun. 2020
LMBT2222AWT1G LRC-LMBT2222AWT1G_15 Datasheet
67Kb / 3P
   General Purpose Transistors
LMBT2222AWT1G LRC-LMBT2222AWT1G_V01 Datasheet
559Kb / 5P
   General Purpose Transistors NPN Silicon
Rev.A Jun. 2020
More results

同様の説明 - LMBT2222AWT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com