データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT2907AWT1G データシート(PDF) 1 Page - Leshan Radio Company

部品番号 LMBT2907AWT1G
部品情報  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2907AWT1G データシート(HTML) 1 Page - Leshan Radio Company

  LMBT2907AWT1G Datasheet HTML 1Page - Leshan Radio Company LMBT2907AWT1G Datasheet HTML 2Page - Leshan Radio Company LMBT2907AWT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2
EMITTER
3
COLLECTOR
1
BASE
General Purpose Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
– 60
Vdc
Collector–Base Voltage
V CBO
– 60
Vdc
Emitter–Base Voltage
V EBO
– 5.0
Vdc
Collector Current — Continuous
I C
– 600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
150
mW
TA = 25°C
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
LMBT2907AWT1G =20
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(2)
V (BR)CEO
–60
Vdc
(I C = – 10 mAdc, I B = 0)
Collector–Emitter Breakdown Voltage
V
(BR)CBO
–60
Vdc
(I C = – 10 mAdc, I E = 0)
Emitter–Base Breakdown Voltage
V (BR)EBO
–5.0
Vdc
(I E = –10
µAdc, I C = 0)
Base Cutoff Current
I BL
– 50
nAdc
( V CE = –30Vdc, V EB(OFF) = –0.5Vdc )
Collector Cutoff Current
I CEX
– 50
nAdc
( V CE = –30Vdc, V EB(OFF) = –0.5Vdc )
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
1
3
2
LMBT2907AWT1G
CASE 419–02 , STYLE 3
SOT–323 / SC – 70
FEATURE
ORDERING INFORMATION
Device
Marking
Shipping
LMBT2907AWT1G
20
3000/Tape&Reel
LMBT2907AWT3G
20
10000/Tape&Reel
1/3
r
compliance with RoHS requirements.
We declare that the material of product


同様の部品番号 - LMBT2907AWT1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT2907AWT1G LRC-LMBT2907AWT1G Datasheet
442Kb / 6P
   General Purpose Transistors PNP Silicon
Rev.D Nov. 2020
LMBT2907AWT1G LRC-LMBT2907AWT1G_15 Datasheet
82Kb / 3P
   General Purpose Transistor
LMBT2907AWT1G LRC-LMBT2907AWT1G_V01 Datasheet
442Kb / 6P
   General Purpose Transistors PNP Silicon
Rev.D Nov. 2020
More results

同様の説明 - LMBT2907AWT1G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com