データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMBT3946DW1T1G データシート(PDF) 9 Page - Leshan Radio Company

部品番号 LMBT3946DW1T1G
部品情報  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LRC [Leshan Radio Company]
ホームページ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3946DW1T1G データシート(HTML) 9 Page - Leshan Radio Company

Back Button LMBT3946DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 8Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 9Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 10Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3946DW1T1G
TYPICAL ELECTRICAL CHARACTERISTICS
LMBT3946DW1T1G
(PNP)
TYPICAL AUDIO SMALL±SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = ±5.0 Vdc, TA = 25˚C, Bandwidth = 1.0 Hz)
Figure 25.
f, FREQUENCY (kHz)
2.0
3.0
4.0
5.0
1.0
0.1
Figure 26.
Rg, SOURCE RESISTANCE (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC =50µA
IC =100µA
SOURCE RESISTANCE = 200
IC = 1.0 mA
SOURCE RESISTANCE = 200
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC= 100µA
SOURCE RESISTANCE = 2.0 k
IC = 50 µA
(PNP)
(PNP)
h PARAMETERS
(VCE = ±10 Vdc, f = 1.0 kHz, TA = 25˚C)
Figure 27. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 28. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 29. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 30. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
70
30
0.7
7.0
0.7
7.0
7.0
3.0
0.7
0.3
0.7
7.0
0.7
7.0
(PNP)
(PNP)
(PNP)
(PNP)
9/14


同様の部品番号 - LMBT3946DW1T1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBT3946DW1T1G LRC-LMBT3946DW1T1G_15 Datasheet
300Kb / 11P
   Dual General Purpose Transistors
More results

同様の説明 - LMBT3946DW1T1G

メーカー部品番号データシート部品情報
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com