データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA16-600SW3G データシート(PDF) 1 Page - ON Semiconductor

部品番号 BTA16-600SW3G
部品情報  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-600SW3G データシート(HTML) 1 Page - ON Semiconductor

  BTA16-600SW3G Datasheet HTML 1Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 2Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 3Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 4Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 5Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 0
1
Publication Order Number:
BTA16−600SW3/D
BTA16-600SW3G,
BTA16-800SW3G
Triacs
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications
where high noise immunity and high commutating di/dt are required.
Features
Blocking Voltage to 800 V
On-State Current Rating of 16 A RMS at 25°C
Uniform Gate Trigger Currents in Three Quadrants
High Immunity to dV/dt − 250 V/ms minimum at 110°C
Minimizes Snubber Networks for Protection
Industry Standard TO-220AB Package
High Commutating dI/dt − 2 A/ms minimum at 110°C
Internally Isolated (2500 VRMS)
These are Pb−Free Devices*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
BTA16−600SW3G
BTA16−800SW3G
VDRM,
VRRM
600
800
V
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 25°C)
IT(RMS)
16
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TC = 25°C)
ITSM
170
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
120
A2sec
Non−Repetitive Surge Peak Off−State
Voltage (TJ = 25°C, t = 8.3 ms)
VDSM/
VRSM
VDSM/VRSM
+100
V
Peak Gate Current (TJ = 110°C, t ≤ 20 ms)
IGM
4.0
A
Peak Gate Power
(Pulse Width ≤ 20 ms, TC = 80°C)
PGM
20
W
Average Gate Power (TJ = 110°C)
PG(AV)
1.0
W
Operating Junction Temperature Range
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
RMS Isolation Voltage
(t = 300 ms, R.H. ≤ 30%, TA = 25°C)
Viso
2500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
16 AMPERES RMS
600 thru 800 VOLTS
TO−220AB
CASE 221A
STYLE 12
1
http://onsemi.com
BTA16−xSWG
AYWW
MARKING
DIAGRAM
x
= 6 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Device
Package
Shipping
ORDERING INFORMATION
BTA16−600SW3G
TO−220AB
(Pb−Free)
50 Units / Rail
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
No Connection
MT1
G
MT2
BTA16−800SW3G
TO−220AB
(Pb−Free)
50 Units / Rail
*For additional information on our Pb−Free strategy and
soldering details, please download the ON Semicon-
ductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
4


同様の部品番号 - BTA16-600SW3G

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA16-600SW STMICROELECTRONICS-BTA16-600SW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTA16-600SWRG STMICROELECTRONICS-BTA16-600SWRG Datasheet
99Kb / 9P
   16A TRIACS
logo
Inchange Semiconductor ...
BTA16-600SWRG ISC-BTA16-600SWRG Datasheet
234Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA16-600SWRG STMICROELECTRONICS-BTA16-600SWRG Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

同様の説明 - BTA16-600SW3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com