データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1720-42 データシート(PDF) 1 Page - Stealth Microwave, Inc.

部品番号 SM1720-42
部品情報  1.7-2.0 GHz 15 Watt Linear Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1720-42 データシート(HTML) 1 Page - Stealth Microwave, Inc.

  SM1720-42 Datasheet HTML 1Page - Stealth Microwave, Inc. SM1720-42 Datasheet HTML 2Page - Stealth Microwave, Inc. SM1720-42 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model SM1720-42
1.7-2.0 GHz
15 Watt Linear Amplifier
1007 Whitehead Road Ext., Trenton, New Jersey 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Parameter
Specification
Frequency Range
1.7 – 2.0 GHz
Pout (P1dB)
+ 42 dBm
Third Order Intercept
Point
+ 53 dBm (typ.)
Linear Gain
50 dB ± 1.0 dB
Gain Slope Full Band
± .5 dB
Gain Change over
Temperature
± .5 dB
Input/Output Return
Loss
-14dB / -14dB
DC Input Voltage
+12 Volts
DC Input Current
6.6 Amps
Mechanical
Dimensions
w/o heatsink: 6.7 x 4.0 x 0.8 in.
w/heatsink: 6.7 x 4.0 x 2.0 in.
RF Connectors
SMA Female
Operating
Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM1720-42 is a solid state GaAs amplifier
designed for various wireless applications. This
amplifier operates from 1.7-2.0 GHz, provides
50 dB of gain, ± 0.5 dB gain flatness over the
full band, and +42 dBm of output power at its 1
dB compression point. The output third order
intercept point is +53 dBm. Its compact size
and high linearity make it ideally suited for
systems using CDMA or TDMA standards.
Features
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Heatsink
• Forward Power Detection
• Logic On/Off Control
• High Speed Switching for TDD
Configurations
• Module
• Laboratory Unit
• 19” Rack


同様の部品番号 - SM1720-42

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
More results

同様の説明 - SM1720-42

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
   2.0 ??18.0 GHz 75 Watt Amplifier
logo
TriQuint Semiconductor
QPB1006 TRIQUINT-QPB1006 Datasheet
1Mb / 11P
   2.0 ??7.5 GHz 150 Watt Amplifier
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
   1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com