データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2SD882S-Q データシート(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

部品番号 ST2SD882S-Q
部品情報  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD882S-Q データシート(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SD882S-Q Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD882S-Q Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 21/11/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SD882S-Q/P/E
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=2V, IC=1A
at VCE=2V, IC=20mA
Q
P
E
hFE
hFE
hFE
hFE
100
160
250
30
-
-
-
-
200
320
500
-
-
-
-
-
Collector Cutoff Current
at VCB=30V
ICBO
-
-
1
uA
Emitter Cutoff Current
at VEB=3V
IEBO
-
-
1
uA
Collector to Base Breakdown Voltage
at IC=100μA
V(BR)CBO
40
-
-
V
Collector to Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO)
30
-
-
V
Emitter to Base Breakdown Voltage
at IE=10μA
V(BR)EBO
5
-
-
V
Collector to Emitter Saturation Voltage
at IC=2A,IB=200mA
VCE(sat)
-
-
0.5
V
Base to Emitter Saturation Voltage
at IC=2A,IB=200mA
VBE(sat)
-
-
2
V
Transition Frequency
at VCE=5V, IC=0.1A,f=100MHz
fT
-
90
-
MHz
Collector Output Capacitance
at VCB=10V,f=1MHz
Cob
-
45
-
pF


同様の部品番号 - ST2SD882S-Q

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
ST2SD882H SEMTECH_ELEC-ST2SD882H Datasheet
147Kb / 2P
   NPN Silicon Power Transistor
ST2SD882T SEMTECH_ELEC-ST2SD882T Datasheet
146Kb / 2P
   NPN Silicon Power Transistor
ST2SD882U-P SEMTECH_ELEC-ST2SD882U-P Datasheet
74Kb / 1P
   NPN SILICON EPITAXIAL POWER TRANSISTOR
More results

同様の説明 - ST2SD882S-Q

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com