データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST2SD1303 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 ST2SD1303
部品情報  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD1303 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SD1303 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD1303 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SD1303 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 09/04/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SD1303
NPN Silicon Epitaxial Planar Transistor
for audio muting application.
On special request, these transistors can be
manufactured in different pin configurations.
Features
High emitter-base voltage VEBO=7.5V(min)*
High reverse hFE
reverse hFE=20(min) (VCE=2V, IC=4mA)
Low on resistance
Ron=0.6Ω (Typ.) (IB=1mA)
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Collector Base Voltage
VCBO
25
V
Collector Emitter Voltage
VCEO
16
V
Emitter Base Voltage
VEBO
7.5*
V
Collector Current
IC
300
mA
Base Current
IB
30
mA
Power Dissipation
Ptot
400
mW
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-55 to +125
OC


同様の部品番号 - ST2SD1303

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
ST2SD1616 SEMTECH_ELEC-ST2SD1616 Datasheet
157Kb / 2P
   NPN Silicon Transistor
ST2SD1616A SEMTECH_ELEC-ST2SD1616A Datasheet
157Kb / 2P
   NPN Silicon Transistor
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
   NPN Silicon Epitaxial Power Transistor
ST2SD1817R SEMTECH_ELEC-ST2SD1817R Datasheet
233Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
ST2SD1817Z SEMTECH_ELEC-ST2SD1817Z Datasheet
230Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
More results

同様の説明 - ST2SD1303

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com