データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM002010-44LD データシート(PDF) 2 Page - Stealth Microwave, Inc.

部品番号 SM002010-44LD
部品情報  20-1000MHz 25 Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
ホームページ  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM002010-44LD データシート(HTML) 2 Page - Stealth Microwave, Inc.

  SM002010-44LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 3Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM002010-44LD
20-1000MHz
25 Watt Power Amplifier
FOR UHF APPLICATIONS
DIMENSIONS IN INCHES
Made in USA
RF
INPUT
INCORPORATED
RF
OUTPUT
J1
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
0 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+44dBm @P1dB
J1 – 9 Pin D Sub Connector
1
Not Used
--
2
Current Monitor
50mV/100mA response relative to ID
3
Temp Monitor
10mV/degC response relative to case temperature
4
Attenuator Control
0V – no att., 5V – max att. (~25 – 30 dB)
5
TTL On/Off
0 Volts = Off, + 5 Volts = On
6 – 7
+28V
--
8 – 9
GND
--
Specifications subject to change without notice.


同様の部品番号 - SM002010-44LD

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM002052-50LD STEALTH_MICROWAVE-SM002052-50LD Datasheet
393Kb / 4P
   20-520MHz 100 Watt Power Amplifier
More results

同様の説明 - SM002010-44LD

メーカー部品番号データシート部品情報
logo
Stealth Microwave, Inc.
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
   800-1000MHz 25 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
   800-1000MHz 50 Watt Linear Power Amplifier
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
STMicroelectronics
TDA2040H STMICROELECTRONICS-TDA2040H Datasheet
1Mb / 16P
   25-watt hi-fi audio power amplifier
July 2012 Rev 6
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
   25-watt hi-fi audio power amplifier
logo
Stealth Microwave, Inc.
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-44L STEALTH_MICROWAVE-SM2122-44L Datasheet
174Kb / 3P
   2100-2200MHz 25 Watt Linear Power Amplifier
logo
National Semiconductor ...
LM2005 NSC-LM2005 Datasheet
205Kb / 8P
   LM2005 20 Watt Automotive Power Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com