データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4002 データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 1N4002
部品情報  GENERAL PURPOSE PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4002 データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4002 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4002 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 25/04/2006
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4001 THRU 1N4007
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
Reverse Voltage – 50 to 1000 V
Forward Current – 1 A
Features
• Low forward voltage drop
• High current capability
• High surge current capability
Mechanical Data
• Case: Molded plastic, DO-41
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202
method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length at TA = 75 OC
I(AV)
1
A
Peak Forward Surge Current, 8.3 ms Single Half-
sine-wave Superimposed on rated load (JEDEC
method)
IFSM
30
A
Maximum Forward Voltage at 1 A DC and 25 OCVF
1.1
V
Maximum Full Load Reverse Current, Full Cycle
Average at 75 OC Ambient
IR(AV)
30
µA
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
5
500
µA
Typical Junction Capacitance
1)
CJ
15
pF
Typical Thermal Resistance
2)
RθJA
50
O
C/W
Operating Junction Temperature Range
TJ
-55 to +150
O
C
Storage Temperature Range
Tstg
-55 to +150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Thermal resistance junction to ambient 0.375" (9.5 mm) lead length P.C.B mounted.


同様の部品番号 - 1N4002

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results

同様の説明 - 1N4002

メーカー部品番号データシート部品情報
logo
Continental Device Indi...
RL201 CDIL-RL201 Datasheet
245Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
BY133 CDIL-BY133 Datasheet
80Kb / 5P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1N4001 KOOCHIN-1N4001 Datasheet
271Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
8A05 KOOCHIN-8A05 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL101 KOOCHIN-RL101 Datasheet
270Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
1N5391 SEMTECH_ELEC-1N5391 Datasheet
236Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
10A05 KOOCHIN-10A05 Datasheet
344Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
RL10X HORNBY-RL10X Datasheet
234Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
1N5400 SEMTECH_ELEC-1N5400 Datasheet
239Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1N5400 KOOCHIN-1N5400 Datasheet
266Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL201 KOOCHIN-RL201 Datasheet
143Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com