データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB150A データシート(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

部品番号 SB150A
部品情報  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
ホームページ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SB150A データシート(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SB150A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SB150A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 28/04/2006
H
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SB120A THRU SB160A
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage – 20 to 60 V
Forward Current – 1 A
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low power loss, high efficiency
• Guardring for overvoltage protection
• For use in low voltage high frequency inverters,
free wheeling, and polarity protection applications
Mechanical Data
• Case: Molded plastic, DO-41
• Terminals: Plated axial leads, solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics (TA = 25 OC unless otherwise noted)
Parameter
Symbols SB120A SB130A SB140A SB150A SB160A Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
35
A
Maximum Forward Voltage at 1 A
2)
VF
0.5
0.7
V
0.5
Maximum Reverse Current
TA = 25
OC
at Rated DC Blocking Voltage
2)
TA = 100
OC
IR
10
5
mA
Voltage rate of change (rated VR)
dv/dt
1000
V/µs
Typical Thermal Resistance
1)
RθJA
RθJL
100
30
OC/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
OC
Storage Temperature Range
TS
-65 to +150
OC
1) Thermal resistance junction to lead P.C.B mounted 0.375" (9.5 mm) lead length.
2) Pulse test: 300 µs pulse width, 1% duty cycle


同様の部品番号 - SB150A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SB150A VISHAY-SB150A Datasheet
95Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
SB150A VISHAY-SB150A Datasheet
79Kb / 4P
   Schottky Barrier Rectifier
Revision: 14-Jan-11
logo
Comchip Technology
SB150A-G COMCHIP-SB150A-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
More results

同様の説明 - SB150A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com