データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N821 データシート(PDF) 4 Page - Motorola, Inc

部品番号 1N821
部品情報  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N821 データシート(HTML) 4 Page - Motorola, Inc

  1N821 Datasheet HTML 1Page - Motorola, Inc 1N821 Datasheet HTML 2Page - Motorola, Inc 1N821 Datasheet HTML 3Page - Motorola, Inc 1N821 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Motorola TVS/Zener Device Data
8-162
6.2 Volt OTC 400 mW DO-35 Data Sheet
6.2 Volt OTC 400 mW DO-35
Zener Voltage Reference Diodes
CASE 299-02
DO-204AH
GLASS
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Package Option
Tape and Reel
5K
Type No. Suffix
RL, RL2(1)
MPQ (Units)
Tape and Ammo
TA, TA2(1)
5K
NOTE: 1. The “2” suffix designates 26 mm tape spacing.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
3.05
1.52
0.46
25.40
5.08
2.29
0.56
1.27
38.10
0.120
0.060
0.018
1.000
0.200
0.090
0.022
0.050
1.500
A
B
D
F
K
All JEDEC dimensions and notes apply.
NOTES:
1. PACKAGE CONTOUR OPTIONAL WITHIN A AND B
HEAT SLUGS, IF ANY, SHALL BE INCLUDED
WITHIN THIS CYLINDER, BUT NOT SUBJECT TO
THE MINIMUM LIMIT OF B.
2. LEAD DIAMETER NOT CONTROLLED IN ZONE F
TO ALLOW FOR FLASH, LEAD FINISH BUILDUP
AND MINOR IRREGULARITIES OTHER THAN
HEAT SLUGS.
3. POLARITY DENOTED BY CATHODE BAND.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
B
A
K
D
F
F
K


同様の部品番号 - 1N821

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N821 PHILIPS-1N821 Datasheet
28Kb / 5P
   Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
More results

同様の説明 - 1N821

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N821A MOTOROLA-1N821A Datasheet
41Kb / 3P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com