データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCD15-48S15W データシート(PDF) 3 Page - Power Mate Technology Co., LTD

部品番号 LCD15-48S15W
部品情報  15 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  P-DUKE [Power Mate Technology Co., LTD]
ホームページ  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD15-48S15W データシート(HTML) 3 Page - Power Mate Technology Co., LTD

  LCD15-48S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD15-48S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD15-48S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3 Issued Date:2008/05/21
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
ON/OFF
ON/OFF
4
+VOUT
+VOUT
5
TRIM
COMMON
6
-VOUT
-VOUT
PRODUCT STANDARD TABLE
Option
Suffix
Negative remote ON/OFF(Standard)
Positive remote ON/OFF
-A
without ON/OFF pin
-B
negative remote ON/OFF without TRIM pin
-C
without ON/OFF&TRIM pin
-D
positive remote ON/OFF without TRIM pin
-E
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
Recommended Filter for EN55022 Class B Compliance
The components used in the above figure, together with the
manufacturers’ part numbers for these components, are as
follows:
C1
C2
C3
C4 & C5
L1
LCD15-
24xxxW
6.8μF/50V
1812 MLCC
N/A
6.8μF/50V
1812 MLCC
470pF/2KV
1808 MLCC
325μH
Common
Choke
PMT-050
LCD15-
48xxxW
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2KV
1808 MLCC
325μH
Common
Choke
PMT-050
Recommended EN55022 Class B Filter Circuit Layout
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below.
6
5
TRIM UP
RU
5
4
TRIM DOWN
RD


同様の部品番号 - LCD15-48S15W

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
LCD15-48S15W P-DUKE-LCD15-48S15W Datasheet
442Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LCD15-48S15W ASTRODYNE-LCD15-48S15W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
More results

同様の説明 - LCD15-48S15W

メーカー部品番号データシート部品情報
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3W P-DUKE-LED15-24S3P3W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com