データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8-0000-E04 データシート(PDF) 1 Page - Sensortechnics GmbH

部品番号 AD8-0000-E04
部品情報  Ultrasonic air bubble and air-in-line sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSORTECHNICS [Sensortechnics GmbH]
ホームページ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD8-0000-E04 データシート(HTML) 1 Page - Sensortechnics GmbH

  AD8-0000-E04 Datasheet HTML 1Page - Sensortechnics GmbH AD8-0000-E04 Datasheet HTML 2Page - Sensortechnics GmbH AD8-0000-E04 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AD8 / AD9 Series
Ultrasonic air bubble and air-in-line sensors
August 2007 / 301
1/3
www.sensortechnics.com
FEATURES
· Non-invasive pulse-type ultrasonic
technology
· Compact design features integral
programmable micro-controller
· High accuracy and reliability
· Dry coupled, no coupling gel required
· Output signal not affected by fluid or
tubing colour
· High EMI and RFI noise immunity
SPECIFICATIONS
Maximum ratings
Supply voltage (V
S)5 VDC (± 10%)
Supply current
without LED
15 mA
with LED
24 mA
Temperature limits
Storage
-20 ... 85 °C
Operating
5 ... 60 °C
Humidity limits
0 - 95 %RH
(non-condensing)
ELECTRICAL CONNECTION
Note: Self-Test provides an electronic check for
false wet output signals.
Connect to Ground for normal operation.
RED
BLACK
GREEN
ORANGE
Input DC Voltage
Ground
Self-Test
CMOS Logic Output
Sensor


同様の部品番号 - AD8-0000-E04

メーカー部品番号データシート部品情報
logo
Analog Devices
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Sensortechnics GmbH
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
   800 關m active area
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
   800 關m active area
logo
Analog Devices
AD800-45BQ AD-AD800-45BQ Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800-52BR AD-AD800-52BR Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
More results

同様の説明 - AD8-0000-E04

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC40-18D ETC-TC40-18D Datasheet
30Kb / 1P
   AIR ULTRASONIC SENSOR
400SR100 ETC2-400SR100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
Pro-Wave Electronic Cor...
250ST160 PRO-WAVE-250ST160 Datasheet
417Kb / 2P
   Air Ultrasonic Ceramic Transducers
logo
List of Unclassifed Man...
400ST-R120 ETC2-400ST-R120 Datasheet
72Kb / 2P
   Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
   Air Ultrasonic Ceramic Transducers
500MB120 ETC2-500MB120 Datasheet
121Kb / 1P
   Air Ultrasonic Ceramic Transducers
logo
Festo Corporation.
531717 FESTO-531717 Datasheet
75Kb / 1P
   Air line lubricator
3/25/22
531712 FESTO-531712 Datasheet
76Kb / 1P
   Air line lubricator
3/25/22
531703 FESTO-531703 Datasheet
75Kb / 1P
   Air line lubricator
3/23/22
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com