データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N825A データシート(PDF) 3 Page - Motorola, Inc

部品番号 1N825A
部品情報  TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N825A データシート(HTML) 3 Page - Motorola, Inc

  1N825A Datasheet HTML 1Page - Motorola, Inc 1N825A Datasheet HTML 2Page - Motorola, Inc 1N825A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N821,A
1N823,A
1N825,A
1N827,A
1N829,A
Motorola TVS/Zener Device Data
8-3
6.2 Volt OTC 400 mW DO-35 Data Sheet
MAXIMUM ZENER IMPEDANCE versus ZENER CURRENT
(See Note 2)
MORE THAN 95% OF THE UNITS ARE IN THE RANGES INDICATED BY THE CURVES.
Figure 4. 1N821 Series
Figure 5. 1N821A Series
1000
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
1000
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
IZ, ZENER CURRENT (mA)
1
2
4
6
8 10
20
40
60 80 100
IZ, ZENER CURRENT (mA)
1
2
4
6
8 10
20
40
60 80 100
–55
°C
25
°C
100
°C
25
°C
100
°C
–55
°C
NOTE 1. VOLTAGE VARIATION (
∆VZ) AND TEMPERATURE COEFFICIENT
All reference diodes are characterized by the “box method.” This guarantees a maximum volt-
age variation (
∆VZ) over the specified temperature range, at the specified test current (IZT),
verified by tests at indicated temperature points within the range. VZ is measured and re-
corded at each temperature specified. The
∆VZ between the highest and lowest values must
not exceed the maximum
∆VZ given. This method of indicating voltage stability is now used
for JEDEC registration as well as for military qualification. The former method of indicating
voltage stability — by means of temperature coefficient accurately reflects the voltage devi-
ation at the temperature extremes, but is not necessarily accurate within the temperature
range because reference diodes have a nonlinear temperature relationship. The temperature
coefficient, therefore, is given only as a reference.
NOTE 2.
The dynamic zener impedance, ZZT, is derived from the 60 Hz ac voltage drop which results
when an ac current with an rms value equal to 10% of the dc zener current, IZT, is superim-
posed on IZT. Curves showing the variation of zener impedance with zener current for each
series are given in Figures 4 and 5.
NOTE 3.
These graphs can be used to determine the maximum voltage change of any device in the
series over any specific temperature range. For example, a temperature change from 0 to
+50
°C will cause a voltage change no greater than +31 mV or – 31 mV for 1N821 or 1N821A,
as illustrated by the dashed lines in Figure 1. The boundaries given are maximum values. For
greater resolution, an expanded view of the center area in Figure 1a is shown in Figure 1b.
NOTE 4.
The maximum voltage change,
∆VZ, Figures 2 and 3 is due entirely to the impedance of the
device. If both temperature and IZT are varied, then the total voltage change may be obtained
by graphically adding
∆VZ in Figure 2 or 3 to the ∆VZ in Figure 1 for the device under consider-
ation. If the device is to be operated at some stable current other than the specified test cur-
rent, a new set of characteristics may be plotted by superimposing the data in Figure 2 or 3
on Figure 1. For a more detailed explanation see application note in later section.
NOTE 5.
Zener voltage limits at 25
°C measured with the test current (IZT) applied with the device junc-
tion in thermal equilibrium at an ambient temperature of 25
°C.


同様の部品番号 - 1N825A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N825A MOTOROLA-1N825A Datasheet
36Kb / 4P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N825A PHILIPS-1N825A Datasheet
28Kb / 5P
   Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N825A CDI-DIODE-1N825A Datasheet
97Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N825A MICROSEMI-1N825A Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N825A MICROSEMI-1N825A Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

同様の説明 - 1N825A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
   TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
222Kb / 3P
   SILICON 400 mW ZENER DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com