データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALS621A データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ALS621A
部品情報  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS621A データシート(HTML) 9 Page - Texas Instruments

Back Button SN74ALS621A Datasheet HTML 5Page - Texas Instruments SN74ALS621A Datasheet HTML 6Page - Texas Instruments SN74ALS621A Datasheet HTML 7Page - Texas Instruments SN74ALS621A Datasheet HTML 8Page - Texas Instruments SN74ALS621A Datasheet HTML 9Page - Texas Instruments SN74ALS621A Datasheet HTML 10Page - Texas Instruments SN74ALS621A Datasheet HTML 11Page - Texas Instruments SN74ALS621A Datasheet HTML 12Page - Texas Instruments SN74ALS621A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN74ALS620A, SN74ALS621A, SN74ALS623A, SN74AS623
OCTAL BUS TRANSCEIVERS
SDAS226A – DECEMBER 1982 – REVISED JANUARY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/ 74ALS AND 54AS/ 74AS DEVICES
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
R1
S1
CL
(see Note A)
7 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
[0 V
VOH
VOL
[3.5 V
In-Phase
Output
0.3 V
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
R2
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE
TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL
(see Note A)
RL
RL = R1 = R2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms


同様の部品番号 - SN74ALS621A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS621A TI1-SN74ALS621A Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1 TI1-SN74ALS621A-1 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1N TI1-SN74ALS621A-1N Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621ADW TI-SN74ALS621ADW Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS621ADW TI1-SN74ALS621ADW Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

同様の説明 - SN74ALS621A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com