データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X112SFB データシート(PDF) 1 Page - Sensortechnics GmbH

部品番号 X112SFB
部品情報  8 mm switching soleniod valves
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSORTECHNICS [Sensortechnics GmbH]
ホームページ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

X112SFB データシート(HTML) 1 Page - Sensortechnics GmbH

  X112SFB Datasheet HTML 1Page - Sensortechnics GmbH X112SFB Datasheet HTML 2Page - Sensortechnics GmbH X112SFB Datasheet HTML 3Page - Sensortechnics GmbH X112SFB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
X-Valve
®
8 mm switching soleniod valves
1/4
October 2008 / 250
www.sensortechnics.com
FEATURES
· 3-way, 2 position valve
(NO, NC & Distributor)
· Compact size, only 8 mm in width
· Meets pressure requirements
including 6, 30 & 100 psi
· Excellent leakage specification for over
25 million cycles
· Ensures high reliability with its single
piece body design
· Barbed pressure ports allow for direct
tubing or manifold assemblies
· Non-elastomeric versions with enhanced
media compatibility available on request
PHYSICAL PROPERTIES
Operating environment
X5...
15 to 50 °C
all other
0 to 50 °C
Storage temperature
-40 to 70 °C
Length
24 mm (0.92 in)
Width
7.9 mm (0.31 in)
Height
9.5 mm (0.375 in)
Spacing
8 mm (centerline)
Porting
Universal barbs for 1/16 in I.D. tubing
(1/32 in wall max.);
manifold mount with X-seal
Weight
4.5 g (0.16 oz)
Internal volume
0.074 cm3 (0.0045 in3)
MEDIA COMPATIBILITY
Non-reactive gases and selected liquids
ELECTRICAL
Power
X1... (6 psi)
0.5 W
all other (30 psi, 100 psi)
1.0 W
Voltage
3, 5, 12, 24 V
DC
Electrical connections
PC pins, 4 mm centers
X-Valve is a registered trademark of Parker Hannifin Corporation.
WETTED MATERIALS
PBT (polybutylene terephthalate); 430 series
stainless steel; 302 series stainless steel
(passivated); FKM (fluoroelastomer); EPDM
(ethylene propylene diene monomer); silicone


同様の部品番号 - X112SFB

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
X112-133.33M CONNOR-WINFIELD-X112-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
More results

同様の説明 - X112SFB

メーカー部品番号データシート部品情報
logo
Sensortechnics GmbH
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
   Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
   Inert isolation soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
914111051000 SENSORTECHNICS-914111051000 Datasheet
97Kb / 4P
   10 mm switching soleniod valve
099-0051-900 SENSORTECHNICS-099-0051-900 Datasheet
193Kb / 5P
   Ultra-high leak integrity media resistant soleniod valves
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
   General purpose 2-way and 3-way soleniod valves
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
   12 mm isolated diaphragm solenoid valves
LQX163W12FKFS000 SENSORTECHNICS-LQX163W12FKFS000 Datasheet
169Kb / 5P
   16 mm isolated diaphragm solenoid valves
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
   Industrial Solenoid Valves
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com