データシートサーチシステム |
|
B-13-155C-TDFB3-SSC7 データシート(PDF) 1 Page - Source Photonics, Inc. |
|
B-13-155C-TDFB3-SSC7 データシート(HTML) 1 Page - Source Photonics, Inc. |
1 / 8 page 1 155 Mbps Bi-directional Receptacle Single Fiber Transceiver B-15/13-155(C)-TDFB(3)-Sxx5(7) 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS581-Apr2107 Rev A.3 LUMINENTOIC.COM Features • Diplexer Single Mode Single Fiber 1x9 SC/FC/ST Receptacle Connector • Wavelength Tx 1550 nm/Rx 1310 nm • SONET OC-3 SDH STM-1 Compliant • Single +5V power Supply • Single +3.3V power Supply • PECL/LVPECL Differential Inputs and Outputs [B-15/13-155-TDFB(3)-Sxx5(7)] • TTL/LVTTL Differential Inputs and Outputs [B-15/13-155C-TDFB(3)-Sxx5(7)] • Wave Solderable and Aqueous Washable • LED Multisourced 1x9 Transceiver Interchangeable • Class 1 Laser Int. Safety Standard IEC 825 Compliant • Uncooled Laser diode with MQW structure DFB Laser • Complies with Telcordia (Bellcore) GR-468-CORE • RoHS compliant Parameter Symbol Min. Max. Unit Note Power Supply Voltage Vcc 0 6 V B-15/13-155-TDFB-Sxx5(7) Power Supply Voltage Vcc 0 3.6 V B-15/13-155-TDFB3-Sxx5(7) Output Current Iout - 30 mA Soldering Temperature - - 260 ºC 10 seconds on leads only Storage Temperature Tstg -40 85 ºC Absolute Maximum Rating Parameter Symbol Min. Typ. Max. Unit Power Supply Voltage Vcc 4.75 5 5.25 V Power Supply Voltage Vcc 3.1 3.3 3.5 V Operating Temperature (Case) Topr 0 - 70 ºC Data Rate - - 155 - Mbps Recommended Operating Condition Parameter Symbol Min Typical Max Unit Notes Optical Optical Transmit Power Po -5 - 0 dBm Output power is coupled into a 9/125 µm single mode fiber (B-15/13-155-TDFB(3)-Sxx5) Optical Transmit Power Po -3 - +2 dBm Output power is coupled into a 9/125 µm single mode fiber (B-15/13-155-TDFB(3)-Sxx7) Output center Wavelength λ 1480 1550 1580 nm Output Spectrumt Width ∆ λ - - 1 nm -20dB width Side Mode Suppression Ratio Sr 30 35 - dB CW Extinction Ratio ER 10 - - dB Output Eye Compliant with ITU-T recommendation G.957/STM-1 Optical Rise Time tr - - 2 ns 10% to 90% Values Optical Fall Time tf - - 2 ns 10% to 90% Values Optical Isolation - 30 - - dB Isolation potential between 1480-1580nm at least 30dB Relative Intensity Noise RIN - - -116 dB/Hz Total Jitter TJ - - 1.2 ns Measured with 223-1 PRBS with 72 ones and 72 zeros. Transmitter Specifications |
同様の部品番号 - B-13-155C-TDFB3-SSC7 |
|
同様の説明 - B-13-155C-TDFB3-SSC7 |