データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVCH162836DGV データシート(PDF) 3 Page - Texas Instruments

部品番号 SN74ALVCH162836DGV
部品情報  20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162836DGV データシート(HTML) 3 Page - Texas Instruments

  SN74ALVCH162836DGV Datasheet HTML 1Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 2Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 3Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 4Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 5Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 6Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 7Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 8Page - Texas Instruments SN74ALVCH162836DGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74ALVCH162836
20-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES122E – JULY 1997 – REVISED JUNE 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1
56
29
55
1D
C1
CLK
2
To 19 Other Channels
OE
CLK
LE
A1
Y1
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
74
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.


同様の部品番号 - SN74ALVCH162836DGV

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH162836DGV TI1-SN74ALVCH162836DGV Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836DGVR TI1-SN74ALVCH162836DGVR Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALVCH162836DGV

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16836 HITACHI-HD74ALVCH16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com