データシートサーチシステム |
|
B-13-1250-T3-SSCCG5 データシート(PDF) 1 Page - Source Photonics, Inc. |
|
B-13-1250-T3-SSCCG5 データシート(HTML) 1 Page - Source Photonics, Inc. |
1 / 9 page 1 1.25 Gbps Single Mode Transceiver C-13-1250(C)-T(3)-SSC(2) 1 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS601-May1806 Rev A.3 LUMINENTOIC.COM Features • SC Duplex Single Mode Transceiver • Industry Standard 1x9 Footprint • Gigabit Ethernet Compliant • Single +3.3/5V Power Supply • PECL Differential Inputs and Outputs • PECL/LVPECL Signal Detection Output [C-13-1250-T(3)-SSC(2)] • TTL/LVTTL Signal Detection Output [C-13-1250C-T(3)-SSC(2)] • Wave Solderable and Aqueous Washable • Uncooled laser diode with MQW structure • Complies with Telcordia (Bellcore) GR-468-CORE • Gigabit Ethernet Application • RoHS compliance available Parameter Symbol Min. Max. Unit Note Power Supply Voltage Vcc 0 3.6 V C-13-1250(C)-T3-SSC(2) Power Supply Voltage Vcc 0 6 V C-13-1250(C)-T-SSC(2) Output Current Iout 0 30 mA Soldering Temperature - - 260 ºC 10 seconds on leads only Storage Temperature Tstg -40 85 ºC Absolute Maximum Rating Parameter Symbol Min. Typ. Max. Unit Power Supply Voltage 1 Vcc 3.1 3.3 3.5 V Power Supply Voltage 1 Vcc 4.75 5 5.25 V Operating Temperature1 Topr 0 - 70 ºC Operating Temperature1 Topr -40 - 85 ºC Data Rate - - 1250 - Mbps Recommended Operating Condition Note1: Please refer to ordering information |
同様の部品番号 - B-13-1250-T3-SSCCG5 |
|
同様の説明 - B-13-1250-T3-SSCCG5 |