データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C-13-1250AC-T3-SSCB-G5 データシート(PDF) 8 Page - Source Photonics, Inc.

部品番号 C-13-1250AC-T3-SSCB-G5
部品情報  1.25 Gbps Single Mode Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOURCE [Source Photonics, Inc.]
ホームページ  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1250AC-T3-SSCB-G5 データシート(HTML) 8 Page - Source Photonics, Inc.

  C-13-1250AC-T3-SSCB-G5 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 4Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 5Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 6Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 7Page - Source Photonics, Inc. C-13-1250AC-T3-SSCB-G5 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS827-Jan0408
Rev A.1
LUMINENTOIC.COM
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
Warnings:
Legal Notes:
1.25 Gbps Single Mode Transceiver
C-13-1250AC-T(3)-SSC(2)


同様の部品番号 - C-13-1250AC-T3-SSCB-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
C-13-1250AC-F-SLC SOURCE-C-13-1250AC-F-SLC Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC-G5 SOURCE-C-13-1250AC-F-SLC-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2 SOURCE-C-13-1250AC-F-SLC2 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2-G5 SOURCE-C-13-1250AC-F-SLC2-G5 Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
C-13-1250AC-F-SLC2A SOURCE-C-13-1250AC-F-SLC2A Datasheet
820Kb / 11P
   1.25 Gbps Single Mode SFF LC Transceiver
More results

同様の説明 - C-13-1250AC-T3-SSCB-G5

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
B-13-1250-T-SSC SOURCE-B-13-1250-T-SSC Datasheet
546Kb / 9P
   1.25 Gbps Single Mode Transceiver
C-15-1250AC-TDFB3-SSC2C SOURCE-C-15-1250AC-TDFB3-SSC2C Datasheet
559Kb / 7P
   1.25 Gbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-7140G_2015 OPTOWAY-SPS-7140G_2015 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380_2015 OPTOWAY-SPS-7380_2015 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-73160G_2015 OPTOWAY-SPS-73160G_2015 Datasheet
147Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-73180-CXX0G OPTOWAY-SPS-73180-CXX0G_15 Datasheet
150Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-7110G OPTOWAY-SPS-7110G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7130G OPTOWAY-SPS-7130G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7350G OPTOWAY-SPS-7350G_15 Datasheet
148Kb / 5P
   1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-7380 OPTOWAY-SPS-7380_15 Datasheet
153Kb / 5P
   1.25 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com